Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT299SC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACT299SC
Description  8-Input Universal Shift/Storage Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT299SC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACT299SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are those values beyond which damage
to the device may occur. Obviously the databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature, and output/input loading variables. Fairchild
does not recommend operation of FACT
¥ circuits outside databook specifi-
cations.
DC Electrical Characteristics for AC
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI 0.5V
20 mA
VI VCC 0.5V
20 mA
DC Input Voltage (VI)
0.5V to VCC 0.5V
DC Output Diode Current (IOK)
VO 0.5V
20 mA
VO VCC 0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC 0.5V
DC Output Source or Sink Current (IO)
r 50 mA
DC VCC or Ground Current
Per Output Pin (ICC or IGND)
r 50 mA
Storage Temperature (TSTG)
65qC to 150qC
Junction Temperature (TJ)
(PDIP)
140
qC
Supply Voltage (VCC)
(Unless Otherwise Specified)
AC
2.0V to 6.0V
ACT
4.5V to 5.0V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
'V/'t)
AC Devices
VIN from 30% to 70% of VCC
VCC @ 3.3V, 4.5V, 5.5V
125 mV/ns
Minimum Input Edge Rate (
'V/'t)
ACT Devices
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
3.0
1.5
2.1
2.1
VOUT 0.1V
Input Voltage
4.5
2.25
3.15
3.15
V
or VCC  0.1V
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
3.0
1.5
0.9
0.9
VOUT 0.1V
Input Voltage
4.5
2.25
1.35
1.35
V
or VCC  0.1V
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
3.0
2.99
2.9
2.9
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT 50 PA
5.5
5.49
5.4
5.4
VIN VIL or VIH
3.0
2.56
2.46
V
IOH 12 mA
4.5
3.86
3.76
IOH 24 mA
5.5
4.86
4.76
IOH 24 mA (Note 3)
VOL
Maximum LOW Level
3.0
0.002
0.1
0.1
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT 50 PA
5.5
0.001
0.1
0.1
VIN VIL or VIH
3.0
0.36
0.44
IOH 12 mA
4.5
0.36
0.44
V
IOH 24 mA
5.5
0.36
0.44
IOH 24 mA (Note 3)
IIN
Maximum Input
5.5
r 0.1
r 1.0
PA
VI VCC, GND
(Note 5)
Leakage Current
IOLD
Minimum Dynamic
5.5
86
mA
VOLD 1.65V Max
IOHD
Output Current (Note 4)
75
mA
VOHD 3.85V Min
ICC (Note 5) Maximum Quiescent
5.5
4.0
40.0
PA
VIN VCC or GND
Supply Current


Similar Part No. - 74ACT299SC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
74ACT299B STMICROELECTRONICS-74ACT299B Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
74ACT299M STMICROELECTRONICS-74ACT299M Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
More results

Similar Description - 74ACT299SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS299 FAIRCHILD-DM74LS299 Datasheet
65Kb / 6P
   8-Input Universal Shift/Storage Register with
logo
Texas Instruments
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
[Old version datasheet]   8-Input Universal Shift Storage Register with Common Parallel
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
NXP Semiconductors
74F597 PHILIPS-74F597 Datasheet
97Kb / 12P
   8-bit shift register with input storage registers
1991 Sep 13
logo
National Semiconductor ...
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com