Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N36T-M Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 4N36T-M
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N36T-M Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 4N36T-M Datasheet HTML 4Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 5Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 6Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 7Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 8Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 9Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 10Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 11Page - Fairchild Semiconductor 4N36T-M Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
6/15/05
4N25
4N26
4N27
4N28
4N35
4N36
4N37
H11A1
H11A2
H11A3
H11A4
H11A5
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
Page 8 of 15
© 2005 Fairchild Semiconductor Corporation
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Fig. 15 Normalized ton vs. RBE
(Black Package)
Fig. 16 Normalized ton vs. RBE
(White Package)
RBE- BASE RESISTANCE (k Ω)
RBE- BASE RESISTANCE (k Ω)
10
100
1000
10000
100000
10
100
1000
10000
100000
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCC = 10 V
IC = 2 mA
RL = 100 Ω
VCC = 10 V
IC = 2 mA
RL = 100 Ω
Fig. 14 Switching Speed vs. Load Resistor
(White Package)
R-LOAD RESISTOR (k
Ω)
0.1
1
10
100
0.1
1
10
100
1000
Toff
IF = 10 mA
VCC = 10 V
TA = 25°C
Tr
Ton
Tf
Fig. 13 Switching Speed vs. Load Resistor
(Black Package)
R-LOAD RESISTOR (k
Ω)
0.1
1
10
100
0.1
1
10
100
1000
Toff
IF = 10 mA
VCC = 10 V
TA = 25°C
Tr
Ton
Tf
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VCC = 10 V
IC = 2 mA
RL = 100 Ω
VCC = 10 V
IC = 2 mA
RL = 100 Ω
Fig. 17 Normalized toff vs. RBE
(Black Package)
10
100
1000
10000
100000
RBE- BASE RESISTANCE (k Ω)
10
100
1000
10000
100000
RBE- BASE RESISTANCE (k Ω)
Fig. 18 Normalized toff vs. RBE
(White Package)


Similar Part No. - 4N36T-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N36T FAIRCHILD-4N36T Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N36TV FAIRCHILD-4N36TV Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - 4N36T-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com