Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT399SJ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ACT399SJ
Description  Quad 2-Port Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT399SJ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACT399SJ Datasheet HTML 1Page - Fairchild Semiconductor 74ACT399SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACT399SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACT399SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACT399SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACT399SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACT399SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACT399SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Operating Requirements for AC
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V
AC Electrical Characteristics for ACT
Note 9: Voltage Range 5.0 is 5.0V
± 0.5V
AC Operating Requirements for ACT
Note 10: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
3.3
2.0
4.0
4.0
ns
In to CP
5.0
1.5
3.0
3.0
tH
Hold Time, HIGH or LOW
3.3
0.5
1.0
1.0
ns
In to CP
5.0
0.5
1.0
1.0
tS
Setup Time, HIGH or LOW
3.3
3.5
5.5
5.5
ns
S to CP
5.0
2.0
4.0
4.0
tH
Hold Time, HIGH or LOW
3.3
0.5
1.0
1.0
ns
S to CP
5.0
0.5
1.0
1.0
tW
CP Pulse Width,
3.3
3.0
4.5
4.5
ns
HIGH or LOW
5.0
2.0
3.5
3.5
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
VCC = +5.0V
VCC = 5.0V
Units
(Note 9)
CL = 50 pF
CL = 50pF
Min
Typ
Max
Min
Max
fMAX
Input Clock Frequency
5.0
165
180
160
MHz
tPLH
Propagation Delay
5.0
1.5
7.0
8.0
1.5
8.5
ns
CP to Q
tPHL
Propagation Delay
5.0
2.0
6.0
9.0
2.0
9.5
ns
CP to Q
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 10)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
0.8
2.5
2.5
ns
In to CP
tH
Hold Time, HIGH or LOW
5.0
0
1.0
1.0
ns
In to CP
tS
Setup Time, HIGH or LOW
5.0
0.8
4.0
4.0
ns
S to CP
tH
Hold Time, HIGH or LOW
5.0
−1.0
0.5
0.5
ns
S to CP
tW
CP Pulse Width,
5.0
1.7
3.5
3.5
ns
HIGH or LOW
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
30
pF
VCC = 5.0V


Similar Part No. - 74ACT399SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT399SJ FAIRCHILD-74ACT399SJ Datasheet
102Kb / 9P
   Quad 2-Port Register
More results

Similar Description - 74ACT399SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC399 FAIRCHILD-74AC399_00 Datasheet
102Kb / 9P
   Quad 2-Port Register
logo
Motorola, Inc
SN54LS398 MOTOROLA-SN54LS398 Datasheet
209Kb / 6P
   QUAD 2-PORT REGISTER
logo
Fairchild Semiconductor
74F398 FAIRCHILD-74F398 Datasheet
105Kb / 9P
   Quad 2-Port Register
logo
National Semiconductor ...
54F398DM NSC-54F398DM Datasheet
178Kb / 10P
   Quad 2-Port Register
logo
Motorola, Inc
MC74AC398 MOTOROLA-MC74AC398 Datasheet
392Kb / 8P
   Quad 2-Port Register
logo
Fairchild Semiconductor
74F399 FAIRCHILD-74F399 Datasheet
77Kb / 7P
   Quad 2-Port Register
logo
National Semiconductor ...
54ACT399 NSC-54ACT399 Datasheet
137Kb / 6P
   Quad 2-Port Register
logo
Motorola, Inc
MC5474F398 MOTOROLA-MC5474F398 Datasheet
81Kb / 3P
   QUAD 2-PORT REGISTER
logo
National Semiconductor ...
54LS298 NSC-54LS298 Datasheet
84Kb / 3P
   QUAD 2-PORT REGISTER MULTIPLEXER WITH STORAGE
logo
Fairchild Semiconductor
DM74LS298 FAIRCHILD-DM74LS298 Datasheet
43Kb / 4P
   Quad 2-Port Register Multiplexer with Storage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com