Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC646 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74AC646
Description  Octal Transceiver/Register with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC646 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74AC646 Datasheet HTML 1Page - Fairchild Semiconductor 74AC646 Datasheet HTML 2Page - Fairchild Semiconductor 74AC646 Datasheet HTML 3Page - Fairchild Semiconductor 74AC646 Datasheet HTML 4Page - Fairchild Semiconductor 74AC646 Datasheet HTML 5Page - Fairchild Semiconductor 74AC646 Datasheet HTML 6Page - Fairchild Semiconductor 74AC646 Datasheet HTML 7Page - Fairchild Semiconductor 74AC646 Datasheet HTML 8Page - Fairchild Semiconductor 74AC646 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics for ACT
Note 6: All outputs loaded; thresholds on input associated with output under test.
Note 7: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Symbol
Parameter
VCC
TA = +25°C
TA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
V
IOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH= −24 mA
5.5
4.86
4.76
IOH= −24 mA (Note 6)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL= 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 6)
Maximum Input
Leakage Current
5.5
± 0.1
± 1.0
µAV
I = VCC, GND
Maximum
ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 7)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
8.0
80.0
µA
VIN = VCC
Supply Current
or GND
IOZT
Maximum I/O
VI (OE) = VIL, VIH
Leakage Current
5.5
±0.6
±6.0
µAV
I = VCC, GND
VO = VCC, GND
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
4.0
10.5
16.5
3.0
18.5
ns
Clock to Bus
5.0
2.5
7.5
12.0
2.0
13.0
tPHL
Propagation Delay
3.3
3.0
9.5
14.5
2.5
16.0
ns
Clock to Bus
5.0
2.0
6.5
10.5
1.5
11.5
tPLH
Propagation Delay
3.3
2.5
7.5
12.0
2.0
13.5
ns
Bus to Bus
5.0
1.5
5.0
8.0
1.0
9.0
tPHL
Propagation Delay
3.3
1.5
7.5
12.5
1.5
13.5
ns
Bus to Bus
5.0
1.5
5.0
9.0
1.0
9.5
tPLH
Propagation Delay
3.3
2.0
8.5
13.5
1.5
15.5
SBA or SAB to An or Bn
5.0
1.5
6.0
10.0
1.5
11.0
ns
(w/ An or Bn HIGH or LOW)
tPHL
Propagation Delay
3.3
1.5
8.5
13.5
1.5
15.0
SBA or SAB to An or Bn
5.0
1.5
6.0
10.0
1.5
11.0
ns
(w/ An or Bn HIGH or LOW)
tPZH
Enable Time
3.3
2.5
7.0
11.5
2.0
12.5
ns
G to An or Bn
5.0
1.5
5.0
8.5
1.5
9.0


Similar Part No. - 74AC646

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646SC FAIRCHILD-74AC646SC Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646SPC FAIRCHILD-74AC646SPC Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
More results

Similar Description - 74AC646

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com