Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT574MTC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ACT574MTC
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT574MTC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACT574MTC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT574MTC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT574MTC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT574MTC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT574MTC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT574MTC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT574MTC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT574MTC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT574MTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Operating Requirements for AC
Note 8: Voltage Range 3.3 is 3.3V
± 0.3V
Voltage Range 5.0 is 5.0V
± 0.5V
AC Electrical Characteristics for ACT
Note 9: Voltage Range 5.0 is 5.0V
±0.5V
AC Operating Requirements for ACT
Note 10: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Typ
Guaranteed Minimum
tS
Set-Up Time, HIGH or LOW
3.3
0.5
2.5
3.0
ns
Dn to CP
5.0
0
1.5
2.0
tH
Hold Time, HIGH or LOW
3.3
−0.5
1.5
1.5
ns
Dn to CP
5.0
0
1.5
1.5
tW
CP Pulse Width
3.3
3.5
6.0
7.0
ns
HIGH or LOW
5.0
2.0
4.0
5.0
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 9)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
5.0
100
110
85
ns
tPLH
Propagation Delay
5.0
2.5
7.0
11.0
2.0
12.0
ns
CP to On
tPHL
Propagation Delay
5.0
2.0
6.5
10.0
1.5
11.0
ns
CP to On
tPZH
Output Enable Time
5.0
2.0
6.4
9.5
1.5
10.0
ns
tPZL
Output Enable Time
5.0
2.0
6.0
9.0
1.5
10.0
ns
tPHZ
Output Disable Time
5.0
2.0
7.0
10.5
1.5
11.5
ns
tPLZ
Output Disable Time
5.0
2.0
5.5
8.5
1.5
9.0
ns
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 10)
Typ
Guaranteed Minimum
tS
Set-Up Time, HIGH or LOW
5.0
1.5
2.5
ns
Dn to CP
tH
Hold Time, HIGH or LOW
5.0
−0.5
1.0
ns
Dn to CP
tW
CP Pulse Width
5.0
2.5
4.0
ns
HIGH or LOW
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
40.0
pF
VCC = 5.0V


Similar Part No. - 74ACT574MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT574MTC FAIRCHILD-74ACT574MTC Datasheet
115Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ACT574MTC FAIRCHILD-74ACT574MTC Datasheet
116Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74ACT574MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com