Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1808637 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1808637
Description  Printed-circuit board connector - FKCS 2,5/ 9-ST-5,08-RF - 1808637
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1808637 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1808637 Datasheet HTML 1Page - PHOENIX CONTACT 1808637 Datasheet HTML 2Page - PHOENIX CONTACT 1808637 Datasheet HTML 3Page - PHOENIX CONTACT 1808637 Datasheet HTML 4Page - PHOENIX CONTACT 1808637 Datasheet HTML 5Page - PHOENIX CONTACT 1808637 Datasheet HTML 6Page - PHOENIX CONTACT 1808637 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/1808637
17.01.2013   Page 2 / 7
Printed-circuit board connector - FKCS 2,5/ 9-ST-5,08-
RF - 1808637
Technical data
Technical data
Nominal cross section
2.5 mm²
Maximum load current
12 A
Insulating material
PA
Inflammability class according to UL 94
V0
Internal cylindrical gage
A2
Stripping length
10 mm
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
10 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
10 A
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve max.
2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, stranded, TWIN ferrules
with plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules
with plastic sleeve, max.
1 mm²
Minimum AWG according to UL/CUL
26
Maximum AWG according to UL/CUL
12
Classifications
ETIM
ETIM 4.0
EC002638
ETIM 5.0
EC002638
UNSPSC
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409
UNSPSC 6.01
30211810


Similar Part No. - 1808637

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1808638 PHOENIX-1808638 Datasheet
96Kb / 5P
   Base strip - MSTBV 2,5/19-GEH-5,08
More results

Similar Description - 1808637

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1808585 PHOENIX-1808585 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/ 4-ST-5,08-RF
1808705 PHOENIX-1808705 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/16-ST-5,08-RF
1808666 PHOENIX-1808666 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/12-ST-5,08-RF
1808682 PHOENIX-1808682 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/14-ST-5,08-RF
1808695 PHOENIX-1808695 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/15-ST-5,08-RF
1808679 PHOENIX-1808679 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/13-ST-5,08-RF
1808569 PHOENIX-1808569 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/ 2-ST-5,08- RF - 1808569
1808624 PHOENIX-1808624 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/ 8-ST-5,08-RF - 1808624
1808608 PHOENIX-1808608 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/ 6-ST-5,08-RF - 1808608
1808640 PHOENIX-1808640 Datasheet
79Kb / 7P
   Printed-circuit board connector - FKCS 2,5/10-ST-5,08-RF - 1808640
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com