Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACQ543SC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74ACQ543SC
Description  Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ543SC Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74ACQ543SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ543SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ543SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ543SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ543SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ543SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ543SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ543SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ543SC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics for ACTQ
Note 16: Voltage Range 5.0 is 5.0V
± 0.5V
Note 17: Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs within the same packaged device.
The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by
design. Not tested.
AC Operating Requirements for ACTQ
Note 18: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 16)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
tPHL
Transparent Mode
5.0
1.5
5.5
7.5
1.5
8.0
ns
An to Bn or Bn to An
tPLH
Propagation Delay
tPHL
LEBA, LEAB
5.0
1.5
6.5
8.5
1.5
9.0
ns
to An, Bn
tPZH
Output Enable Time
tPZL
OEBA or OEAB to An or Bn
5.0
1.5
8.0
10.0
1.5
10.5
ns
CEBA or CEAB to An or Bn
tPHZ
Output Disable Time
tPLZ
OEBA or OEAB to An or Bn
5.0
1.0
5.5
7.5
1.0
8.0
ns
CEBA or CEAB to An or Bn
tOSHL
Output to Output
5.0
0.5
1.0
1.0
ns
tOSLH
Skew (Note 17)
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 18)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
3.0
3.0
ns
An or Bn to LEBA or LEAB
tS
Hold Time, HIGH or LOW
5.0
1.5
1.5
ns
An or Bn to LEBA or LEAB
tW
Latch Enable
5.0
4.0
4.0
ns
Pulse Width, LOW
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
70.0
pF
VCC = 5.0V


Similar Part No. - 74ACQ543SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ544 FAIRCHILD-74ACQ544 Datasheet
86Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
More results

Similar Description - 74ACQ543SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ544 FAIRCHILD-74ACQ544 Datasheet
86Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ543 NSC-54ACTQ543 Datasheet
156Kb / 10P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
54ACTQ544 NSC-54ACTQ544 Datasheet
144Kb / 8P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ646 NSC-54ACTQ646 Datasheet
186Kb / 9P
   Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com