Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACQ573SJ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACQ573SJ
Description  Quiet Series Octal Latch with 3-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ573SJ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACQ573SJ Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ573SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACQ (Continued)
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Note 5: Plastic DIP package.
Note 6: Max number of outputs defined as (n). Data Inputs are driven 0V to 5V. One output @ GND.
Note 7: Max number of Data Inputs (n) switching. (n
− 1) Inputs switching 0V to 5V (ACQ). Input-under-test switching: 5V to threshold (V
ILD),
0V to threshold (VIHD), f = 1 MHz.
DC Electrical Characteristics for ACTQ
Note 8: All outputs loaded; thresholds on input associated with output under test.
Note 9: Maximum test duration 2.0 ms, one output loaded at a time.
Note 10: Plastic DIP package.
Note 11: Max number of outputs defined as (n). Data Inputs are driven 0V to 3V. One output @ GND.
Note 12: Max number of data inputs (n) switching. (n
− 1) inputs switching 0V to 3V (ACTQ). Input-under-test switching: 3V to threshold (V
ILD),
0V to threshold (VIHD), f =1 MHz.
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VOLV
Quiet Output
5.0
−0.6
−1.2
V
Figures 1, 2
Minimum Dynamic VOL
(Note 5)(Note 6)
VIHD
Minimum HIGH Level
5.0
3.1
3.5
V
(Note 5)(Note 7)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.9
1.5
V
(Note 5)(Note 7)
Dynamic Input Voltage
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 8)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 8)
IIN
Maximum Input
5.5
±0.1
±1.0
µAV
I = VCC, GND
Leakage Current
IOZ
Maximum 3-STATE
5.5
±0.25
±2.5
µA
VI = VIL, VIH
Leakage Current
VO = VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 9)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent Supply Current
5.5
4.0
40.0
µAV
IN = VCC or GND
VOLP
Quiet Output
5.0
1.1
1.5
V
Figures 1, 2
Maximum Dynamic VOL
(Note 10)(Note 11)
VOLV
Quiet Output
5.0
−0.6
−1.2
V
Figures 1, 2
Minimum Dynamic VOL
(Note 10)(Note 11)
VIHD
Minimum HIGH Level
5.0
1.9
2.2
V
(Note 10)(Note 12)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.2
0.8
V
(Note 10)(Note 12)
Dynamic Input Voltage


Similar Part No. - 74ACQ573SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ573SJ FAIRCHILD-74ACQ573SJ Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ573SJX FAIRCHILD-74ACQ573SJX Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
More results

Similar Description - 74ACQ573SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573_07 Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACTQ533 FAIRCHILD-74ACTQ533 Datasheet
93Kb / 8P
   Quiet Series Octal Transparent Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373_07 Datasheet
311Kb / 13P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com