Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACQ464ASPC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74ACQ464ASPC
Description  Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ464ASPC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74ACQ464ASPC Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ464ASPC Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ464ASPC Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ464ASPC Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ464ASPC Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ464ASPC Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ464ASPC Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ464ASPC Datasheet HTML 9Page - Fairchild Semiconductor 74ACQ464ASPC Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
AC Electrical Characteristics for ACTQ
Note 17: Voltage Range 5.0 is 5.0V
± 0.5V
Note 18: Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs within the same packaged device.
The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by
design. Not tested.
AC Operating Requirements for ACTQ
Note 19: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 17)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.5
8.5
10.5
2.5
11.0
ns
tPHL
Clock to Bus
tPLH
Propagation Delay
5.0
2.0
8.0
10.0
2.0
10.5
ns
tPHL
Bus to Bus
tPLH
Propagation Delay
tPHL
SBA or SAB to An or Bn
5.0
2.5
8.5
10.5
2.5
11.0
ns
(w/An or Bn HIGH or LOW)
tPZH
Enable Time
5.0
2.5
10.0
12.0
2.5
12.5
ns
tPZL
G to An or Bn
tPHZ
Disable Time
5.01.0
7.08.5
1.09.0
ns
tPLZ
G to An or Bn
tPZH
Enable Time
5.0
2.5
10.0
12.0
2.5
12.5
ns
tPZL
DIR to An or Bn
tPHZ
Disable Time
5.01.0
7.08.5
1.09.0
ns
tPLZ
DIR to An or Bn
tOSHL
Output to Output
tOSLH
Skew (Note 18) Select to Bus
5.0
0.5
1.0
1.0
ns
or Clock to Bus
tOSHL
Output to Output
tOSLH
Skew (Note 18)
5.0
1.0
1.5
1.5
ns
Bus to Bus
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 19)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
3.0
3.0
ns
Bus to Clock
tH
Hold Time, HIGH or LOW
5.0
1.5
1.5
ns
Bus to Clock
tW
Clock Pulse Width
5.0
4.0
4.0
ns
HIGH or LOW
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CI/O
Input/Output Capacitance
15.0
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
90.0
pF
VCC = 5.0V


Similar Part No. - 74ACQ464ASPC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240 Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240 FAIRCHILD-74ACQ240 Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240PC FAIRCHILD-74ACQ240PC Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240PCX FAIRCHILD-74ACQ240PCX Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240SC FAIRCHILD-74ACQ240SC Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ACQ464ASPC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ646 NSC-54ACTQ646 Datasheet
186Kb / 9P
   Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
54ACQ646 TI1-54ACQ646 Datasheet
231Kb / 11P
[Old version datasheet]   54ACTQ646 Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACQ543 FAIRCHILD-74ACQ543 Datasheet
93Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
74ACQ544 FAIRCHILD-74ACQ544 Datasheet
86Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com