Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT16373SSC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACT16373SSC
Description  16-Bit Transparent Latch with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT16373SSC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACT16373SSC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT16373SSC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT16373SSC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT16373SSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT16373SSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT16373SSC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Voltage Range 5.0 is 5.0V
r 0.5V.
AC Operating Requirements
Note 5: Voltage Range 5.0 is 5.0V
r 0.5V
Capacitance
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 4)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
3.1
5.3
7.9
3.1
8.4
ns
tPHL
Dn to On
2.6
4.6
7.3
2.6
7.8
tPLH
Propagation Delay
5.0
3.1
5.4
7.9
3.2
8.4
ns
tPHL
LE to On
2.8
4.9
7.3
2.8
7.8
tPZH
Output Enable
5.0
2.5
4.7
7.4
2.5
7.9
ns
tPZL
Delay
2.7
4.8
7.5
2.7
8.0
tPHZ
Output Disable
5.0
2.1
5.1
7.9
2.1
8.2
ns
tPLZ
Delay
2.0
4.5
7.4
2.0
7.9
VCC
TA 25qCTA 40qC to 85qC
Units
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
(Note 5)
Guaranteed Minimum
tS
Setup Time, HIGH or
5.0
3.0
3.0
ns
LOW, Input to Clock
tH
Hold time, HIGH or
5.0
1.5
1.5
ns
LOW, Input to Clock
tW
CS Pulse Width,
5.0
4.0
4.0
ns
HIGH or LOW
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC 5.0V
CPD
Power Dissipation Capacitance
30
pF
VCC 5.0V


Similar Part No. - 74ACT16373SSC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16373 TI-74ACT16373 Datasheet
102Kb / 6P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
logo
STMicroelectronics
74ACT16373 STMICROELECTRONICS-74ACT16373 Datasheet
277Kb / 10P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS (NON INVERTED)
logo
Texas Instruments
74ACT16373 TI1-74ACT16373 Datasheet
501Kb / 12P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
74ACT16373DL TI-74ACT16373DL Datasheet
102Kb / 6P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
74ACT16373DL TI1-74ACT16373DL Datasheet
501Kb / 12P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT16373SSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16373 FAIRCHILD-74ACTQ16373 Datasheet
94Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACTQ16373 FAIRCHILD-74ACTQ16373_05 Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com