Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L0806C220MPWST Datasheet(PDF) 6 Page - Kemet Corporation

Part # L0806C220MPWST
Description  Wire Wound Chip Inductors - L-PWS/L-PWI/L-PWR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L0806C220MPWST Datasheet(HTML) 6 Page - Kemet Corporation

Back Button L0806C220MPWST Datasheet HTML 2Page - Kemet Corporation L0806C220MPWST Datasheet HTML 3Page - Kemet Corporation L0806C220MPWST Datasheet HTML 4Page - Kemet Corporation L0806C220MPWST Datasheet HTML 5Page - Kemet Corporation L0806C220MPWST Datasheet HTML 6Page - Kemet Corporation L0806C220MPWST Datasheet HTML 7Page - Kemet Corporation L0806C220MPWST Datasheet HTML 8Page - Kemet Corporation L0806C220MPWST Datasheet HTML 9Page - Kemet Corporation L0806C220MPWST Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
1207 Case Size Standard Type (L-PWS Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
L1207C1R0MPWST
1.0
±20%
100
0.06
1075
7.96
2,000
L1207C1R5MPWST
1.5
±20%
80
0.07
860
7.96
2,000
L1207C2R2MPWST
2.2
±20%
68
0.09
775
7.96
2,000
L1207C3R3MPWST
3.3
±20%
54
0.11
560
7.96
2,000
L1207C4R7MPWST
4.7
±20%
41
0.13
550
7.96
2,000
L1207C6R8MPWST
6.8
±20%
40
0.17
380
7.96
2,000
L1207C100(_)PWST
10
K=±10%, M=±20%
30
0.25
340
2.52
2,000
L1207C150(_)PWST
15
K=±10%, M=±20%
25
0.32
300
2.52
2,000
L1207C220(_)PWST
22
K=±10%, M=±20%
19
0.49
255
2.52
2,000
L1207C330(_)PWST
33
K=±10%, M=±20%
15
0.75
215
2.52
2,000
L1207C470(_)PWST
47
K=±10%, M=±20%
12
0.92
205
2.52
2,000
L1207C680(_)PWST
68
K=±10%, M=±20%
11
1.49
145
2.52
2,000
L1207C101(_)PWST
100
K=±10%, M=±20%
8
2.40
140
0.796
2,000
L1207C151(_)PWST
150
K=±10%, M=±20%
7
3.20
105
0.796
2,000
L1207C221(_)PWST
220
K=±10%, M=±20%
5
5.40
80
0.796
2,000
L1207C331(_)PWST
330
K=±10%, M=±20%
4
7.00
65
0.796
2,000
L1207C471(_)PWST
470
K=±10%, M=±20%
3.5
14.00
54
0.796
2,000
L1207C681(_)PWST
680
K=±10%, M=±20%
3
17.00
45
0.796
2,000
L1207C102(_)PWST
1000
K=±10%, M=±20%
2.4
27.00
39
0.252
2,000
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
6
0806 Case Size High Current Type (L-PWI Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
L0806C1R0MPWIT
1.0
±20%
100
0.10
690
7.96
2,000
L0806C1R5MPWIT
1.5
±20%
80
0.15
600
7.96
2,000
L0806C2R2MPWIT
2.2
±20%
70
0.20
520
7.96
2,000
L0806C3R3MPWIT
3.3
±20%
55
0.27
410
7.96
2,000
L0806C4R7MPWIT
4.7
±20%
45
0.37
355
7.96
2,000
L0806C6R8MPWIT
6.8
±20%
38
0.59
290
7.96
2,000
L0806C100MPWIT
10
±20%
32
0.82
245
2.52
2,000
L0806C150MPWIT
15
±20%
28
1.20
200
2.52
2,000
L0806C220MPWIT
22
±20%
16
1.80
165
2.52
2,000
L0806C330MPWIT
33
±20%
14
2.80
135
2.52
2,000
L0806C470MPWIT
47
±20%
11
4.30
110
2.52
2,000
L0806C680MPWIT
68
±20%
10
7.00
95
2.52
2,000
L0806C101MPWIT
100
±20%
8
8.00
75
0.796
2,000
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
L0603B1R0MPWFT
1.0
±20%
100
0.19
620
7.96
3,000
L0603B2R2MPWFT
2.2
±20%
70
0.33
430
7.96
3,000
L0603B4R7MPWFT
4.7
±20%
45
0.50
295
7.96
3,000
L0603B100(_)PWFT
10
K=±10%, M=±20%
40
1.20
200
2.52
3,000
L0603B220(_)PWFT
22
K=±10%, M=±20%
16
3.70
130
2.52
3,000
L0603B470(_)PWFT
47
K=±10%, M=±20%
11
5.80
90
2.52
3,000
0603 Case Size Standard Type (L-PWF Series - Bottom Surface Electrodes)
(_) - Insert Inductance Tolerance Code (K or M)
(_) - Insert Inductance Tolerance Code (K or M)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
L0805C1R0MPWIT
1.0
±20%
100
0.19
620
7.96
3,000
L0805C2R2MPWIT
2.2
±20%
70
0.33
430
7.96
3,000
L0805C4R7MPWIT
4.7
±20%
45
0.50
295
7.96
3,000
L0805C100MPWIT
10
±20%
40
1.20
200
2.52
3,000
L0805C220MPWIT
22
±20%
16
3.70
130
2.52
3,000
L0805C470MPWIT
47
±20%
11
5.80
90
2.52
3,000
0805 Case Size High Current Type (L-PWI Series)


Similar Part No. - L0806C220MPWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0806C220MPWST KEMET-L0806C220MPWST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0806C220MPWST KEMET-L0806C220MPWST Datasheet
759Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
L0806C220MPWST KEMET-L0806C220MPWST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
More results

Similar Description - L0806C220MPWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0603C100KSMST KEMET-L0603C100KSMST Datasheet
759Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
logo
Weidmuller
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
   AITB 2.5 L-L
logo
API Delevan
5400R API-5400R Datasheet
1Mb / 1P
   High L Filter Inductors
logo
Rhombus Industries Inc.
L-13300 RHOMBUS-IND-L-13300 Datasheet
36Kb / 1P
   High L Mini Inductors
logo
Weidmuller
2669010000 WEIDMULLER-2669010000 Datasheet
154Kb / 4P
   AITB 2.5 L-L-PE
logo
PHOENIX CONTACT
3210541 PHOENIX-3210541 Datasheet
115Kb / 6P
   PIT 2,5-PE/L/L
logo
Weidmuller
2668900000 WEIDMULLER-2668900000 Datasheet
523Kb / 5P
   AITB 2.5 BB L-L
logo
Fronter Electronics Co....
FT21M07C FRONTER-FT21M07C Datasheet
180Kb / 1P
   S-1/S-2, L-1/L-2/L-3/L-4 DIP TYPE
logo
Weidmuller
2668930000 WEIDMULLER-2668930000 Datasheet
530Kb / 5P
   AITB 2.5 BB L-L-PE
logo
Voltage Multipliers Inc...
1N6515US VMI-1N6515US Datasheet
340Kb / 1P
   High Voltage Diodes - Surface Mount 2.0A - 3.5A l 70ns l Hermetic l JANTX l JANTXV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com