Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT534SC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACT534SC
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT534SC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACT534SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT534SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT534SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT534SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT534SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT534SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT534SC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Voltage Range 5.0 is 5.0V
± 0.5V
AC Operating Requirements
Note 5: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 4)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
5.0
100
120
MHz
Frequency
tPLH
Propagation Delay
5.0
2.5
6.5
11.5
2.0
12.5
ns
CP to Qn
tPHL
Propagation Delay
5.0
2.0
6.0
10.5
2.0
12.0
ns
CP to Qn
tPZH
Output Enable Time
5.0
2.5
6.5
12.0
2.0
12.5
ns
tPZL
Output Enable Time
5.0
2.0
6.0
11.0
2.0
11.5
ns
tPHZ
Output Disable Time
5.0
1.5
7.0
12.5
1.0
13.5
ns
tPLZ
Output Disable Time
5.0
1.5
5.5
10.5
1.0
10.5
ns
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 5)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
1.0
3.5
4.0
ns
Dn to CP
tH
Hold Time, HIGH or LOW
5.0
−1.0
1.0
1.5
ns
Dn to CP
tW
CP Pulse Width
5.0
2.0
3.5
3.5
ns
HIGH or LOW
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
40.0
pF
VCC = 5.0V


Similar Part No. - 74ACT534SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT534SC FAIRCHILD-74ACT534SC Datasheet
209Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
74ACT534SCQB NSC-74ACT534SCQB Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74ACT534SCQR NSC-74ACT534SCQR Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74ACT534SCX NSC-74ACT534SCX Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
More results

Similar Description - 74ACT534SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com