Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5262BRUZ20-RL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5262BRUZ20-RL7
Description  1-/2-Channel 15 V Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5262BRUZ20-RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5262BRUZ20-RL7 Datasheet HTML 5Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 6Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 7Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 8Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 9Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 10Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 11Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 12Page - Analog Devices AD5262BRUZ20-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5260/AD5262
Rev. A | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
CODE (Decimal)
0
32
64
96
128
160
192
224
256
VDD = +5V
VSS = –5V
RAB = 20kΩ
CODE (Decimal)
–0.2
–0.1
0.1
0
0
32
64
96
128
160
192
224
256
0.2
0.3
0.4
0.5
0.6
0.7
0.8
+15V
+5V
±5V
+12V
Figure 12. DNL vs. Code
Figure 9. R-INL vs. Code vs. Supply Voltages
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
32
64
96
128
160
192
224
256
CODE (Decimal)
+15V
+5V
±5V
CODE (Decimal)
–0.25
0
32
64
96
128
160
192
224
256
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
+15V
+12V
+5V
±5V
Figure 13. INL vs. Code vs. Supply Voltages
Figure 10. R-DNL vs. Code vs. Supply Voltages
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
32
64
96
128
160
192
224
256
CODE (Decimal)
+15V
+5V
±5V
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
32
64
96
128
160
192
224
256
CODE (Decimal)
VDD = +5V
TA = +125°C
TA = +85°C
TA = –40°C
TA = +25°C
VSS = –5V
RAB = 20kΩ
Figure 14. DNL vs. Code vs. Supply Voltages
Figure 11. INL vs. Code


Similar Part No. - AD5262BRUZ20-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5262BRU20 AD-AD5262BRU20 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU20-REEL7 AD-AD5262BRU20-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200 AD-AD5262BRU200 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200-REEL7 AD-AD5262BRU200-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU50 AD-AD5262BRU50 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
More results

Similar Description - AD5262BRUZ20-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207 AD-AD5207_15 Datasheet
703Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207BRUZ10 AD-AD5207BRUZ10 Datasheet
631Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
Dallas Semiconductor
DS2890 DALLAS-DS2890 Datasheet
939Kb / 27P
   1-Wire Digital Potentiometer
logo
Maxim Integrated Produc...
DS2890 MAXIM-DS2890 Datasheet
977Kb / 27P
   1-Wire Digital Potentiometer
012207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com