Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X0202NUF Datasheet(PDF) 3 Page - STMicroelectronics

Part # X0202NUF
Description  1.25 A sensitive gate SCR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0202NUF Datasheet(HTML) 3 Page - STMicroelectronics

  X0202NUF Datasheet HTML 1Page - STMicroelectronics X0202NUF Datasheet HTML 2Page - STMicroelectronics X0202NUF Datasheet HTML 3Page - STMicroelectronics X0202NUF Datasheet HTML 4Page - STMicroelectronics X0202NUF Datasheet HTML 5Page - STMicroelectronics X0202NUF Datasheet HTML 6Page - STMicroelectronics X0202NUF Datasheet HTML 7Page - STMicroelectronics X0202NUF Datasheet HTML 8Page - STMicroelectronics X0202NUF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
X02
Characteristics
Doc ID 7480 Rev 4
3/11
Table 5.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads (DC)
TO-92
Max.
60
°C/W
Rth(j-t)
Junction to tab (DC)
SOT-223
25
Rth(j-t)
Junction to tab (DC)
SMBflat-3L
14
Rth(j-a)
Junction to ambient (DC)
TO-92
150
S = 5 cm2
SOT-223
60
SMBflat-3L
75
Figure 1.
Maximum average power
dissipation versus average
on-state current (full cycle)
Figure 2.
Average and DC on-state current
versus tab (SOT-223, SMBflat-3L) or
lead (TO-92) temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
P(W)
α = 180°
I
(A)
T(AV)
360°
α
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
25
50
75
100
125
D.C. (SMBflat-3L)
D.C. (TO-92)
D.C. (SOT-223)
α = 180° (SMBflat-3L)
α = 180° (SOT-223)
α = 180° (TO-92)
T
or T
(°C)
lead
tab
I
(A)
T(AV)
Figure 3.
Average and DC on-state current
versus ambient temperature
Figure 4.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
25
50
75
100
125
I
(A)
T(AV)
D.C. (SMBflat-3L)
D.C. (TO-92)
D.C. (SOT-223)
α = 180° (SMBflat-3L)
α = 180° (SOT-223)
α = 180° (TO-92)
T
(°C)
amb
K=[Z
/R
th(j-a)
th(j-a)]
0.01
0.10
1.00
1.E-02 1.E-01 1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 1.E+05
TO-92
SOT-223
t (s)
p
SMBflat-3L


Similar Part No. - X0202NUF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0202NA STMICROELECTRONICS-X0202NA Datasheet
147Kb / 6P
   1.25A SCRs
X0202NA-1BA2 STMICROELECTRONICS-X0202NA-1BA2 Datasheet
147Kb / 6P
   1.25A SCRs
X0202NA-2BL2 STMICROELECTRONICS-X0202NA-2BL2 Datasheet
147Kb / 6P
   1.25A SCRs
X0202NA-5BA4 STMICROELECTRONICS-X0202NA-5BA4 Datasheet
147Kb / 6P
   1.25A SCRs
X0202NA1BA2 STMICROELECTRONICS-X0202NA1BA2 Datasheet
147Kb / 6P
   1.25A SCRs
More results

Similar Description - X0202NUF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
   0.8 A sensitive gate SCR
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
   SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
   SENSITIVE GATE SCR
logo
STMicroelectronics
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
   SENSITIVE GATE SCR
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
   SENSITIVE GATE SCR
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
   SENSITIVE GATE SCR
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
S0402XH STMICROELECTRONICS-S0402XH Datasheet
60Kb / 5P
   SENSITIVE GATE SCR
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com