Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2232 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2232
Description  Low Input Current Logic Gate Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2232 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2232 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2232 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2232 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2232 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2232 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2232 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2232 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2232 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2232 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
IF (ON)
50 % IF (ON)
0 mA
tPLH
tPHL
VOH
1.3 V
VOL
INPUT IF
OUTPUT
VO
Figure 2. Typical logic high output current vs.
temperature.
Figure 3. Output voltage vs. forward input
current.
Figure 4. Typical input diode forward
characteristic.
Figure 1. Typical logic low output voltage vs.
temperature.
Notes:
1. Derate total package power dissipation, PT,
linearly above 70
°C free air temperature at a
rate of 4.5 mW/
°C.
2. Duration of output short circuit time should
not exceed 10 ms.
3. Device considered a two-terminal device:
pins 1, 2, 3, and 4 shorted together and pins
5, 6, 7, and 8 shorted together.
4. The tPLH propagation delay is measured
from the 50% point on the leading edge of
the input pulse to the 1.3 V point on the
leading edge of the output pulse. The tPHL
propagation delay is measured from the
50% point on the trailing edge of the input
pulse to the 1.3 V point on the trailing edge
of the output pulse.
5. When the peaking capacitor is omitted,
propagation delay times may increase by
100 ns.
6. CML is the maximum rate of rise of the
common mode voltage that can be
sustained with the output voltage in the
logic low state (VO < 0.8 V). CMH is the
maximum rate of fall of the common mode
voltage that can be sustained with the
output voltage in the logic high state
(VO > 2.0 V).
-60
-8
TA – TEMPERATURE – °C
100
0
-20
-5
20
60
-40
0
40
80
-3
-1
-6
VCC = 4.5 V
IF = 5 mA
-7
-4
-2
VO = 2.7 V
VO = 2.4 V
1.1
0.001
VF – FORWARD VOLTAGE – V
1.0
1000
1.3
0.01
1.5
1.2
1.4
0.1
TA = 25 °C
10
100
IF
+
VF
7. Use of a 0.1
µF bypass capacitor connected
between pins 5 and 8 is recommended.
8. In accordance with UL1577, each
optocoupler is proof tested by applying an
insulation test voltage
≥4500 V rms for one
second (leakage detection current limit, II-O
≤5 µA). This test is performed before the
100% production test for partial discharge
(Method b) shown in the IEC/EN/DIN EN
60747-5-2 Insulation Characteristics Table, if
applicable.
Figure 5. Test circuit for tPLH, tPHL, tr, and tf.
-60
0
TA – TEMPERATURE – °C
100
1.0
-20
0.4
20
60
-40
0
40
80
0.6
0.8
0.2
VCC = 4.5 V
IF = 0 mA
VO = 6.4 mA
0.1
0.3
0.5
0.7
0.9
0
0
IF – INPUT CURRENT – mA
2.0
5
2
1.0
0.5
3
1
4
IOL = 6.4 mA
IOH = -2.6 mA
1.5
VCC = 4.5 V
TA = 25 °C
7
1
4
5
6
8
HCPL-2200
GND
VCC
5 V
619
INPUT
MONITORING
NODE
PULSE GEN.
tr = tf = 5 ns
f = 100 kHz
10 % DUTY
CYCLE
VO = 5 V
C2 =
15 pF
THE PROBE AND JIG CAPACITANCES
ARE INCLUDED IN C1 AND C2.
OUTPUT VO
MONITORING
NODE
VCC
R1
D1
D2
5 k
D3
D4
2
3
C1 =
120 pF
RI
IF (ON)
2.15 k
1.6 mA
1.10 k
3 mA
681
5 mA
ALL DIODES ARE 1N916 OR 1N3064.
IF


Similar Part No. - HCPL-2232

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2232 HP-HCPL-2232 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
HCPL-2232 HP-HCPL-2232 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2232 HP-HCPL-2232 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2232 AVAGO-HCPL-2232 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-2232 AVAGO-HCPL-2232 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results

Similar Description - HCPL-2232

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2200 HP-HCPL-2200 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200 Datasheet
210Kb / 14P
   LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2219-300E AVAGO-HCPL-2219-300E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200_08 Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
Skyworks Solutions Inc.
OLH5700 SKYWORKS-OLH5700 Datasheet
441Kb / 6P
   Hermetic Low Input Current Optocouplers
June 21, 2017
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com