Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44221 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44221
Description  2.4mm Male Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44221 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44221 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44221 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
2.4mm Male Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
Configuration
Connector
2.4mm Male
Connector Interface Type
Pin
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.805 [20.45]
Width/Dia., in [mm]
0.5 [12.70]
Height, in [mm]
0.5 [12.7]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
2.4mm Male
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
2.4mm Male Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE44221
URL: http://www.pasternack.com/2.4mm-male-standard-pin-terminal-connector-pe44221-p.aspx
PE44221
PE44221 REV
2.4mm Male Connector Solder Attachment 4 Hole
Flange Pin Terminal, .340 inch Hole Spacing


Similar Part No. - PE44221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4422 PASTERNACK-PE4422 Datasheet
219Kb / 2P
   SMA Female Bulkhead Connector Crimp/Solder (Captive Contact) Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4422 PASTERNACK-PE4422 Datasheet
322Kb / 3P
   SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44220 PASTERNACK-PE44220 Datasheet
292Kb / 3P
   2.4mm Male Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing
PE44222 PASTERNACK-PE44222 Datasheet
286Kb / 2P
   2.4mm Male Threaded Connector Field Replaceable Attachment 0.012 inch Pin
PE44223 PASTERNACK-PE44223 Datasheet
211Kb / 3P
   2.4mm Male Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
More results

Similar Description - PE44221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44218 PASTERNACK-PE44218 Datasheet
215Kb / 3P
   2.4mm Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE44224 PASTERNACK-PE44224 Datasheet
295Kb / 3P
   2.4mm Male Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE44226 PASTERNACK-PE44226 Datasheet
204Kb / 2P
   2.4mm Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .340 inch Hole Spacing
PE4124 PASTERNACK-PE4124 Datasheet
228Kb / 3P
   SMA Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4541 PASTERNACK-PE4541 Datasheet
296Kb / 3P
   SMA Male Herrmetically Sealed Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4126 PASTERNACK-PE4126 Datasheet
228Kb / 3P
   SMA Male Connector Solder Attachment 4 Hole Flange Stub Terminal, .340 inch Hole Spacing
PE4355 PASTERNACK-PE4355 Datasheet
251Kb / 2P
   N Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE44220 PASTERNACK-PE44220 Datasheet
292Kb / 3P
   2.4mm Male Connector Solder Attachment 2 Hole Flange Pin Terminal, .481 inch Hole Spacing
PE45204 PASTERNACK-PE45204 Datasheet
329Kb / 3P
   SMA Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .340 inch Hole Spacing
PE4126 PASTERNACK-PE4126_16 Datasheet
323Kb / 3P
   SMA Male Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com