Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC164245 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 54AC164245
Description  Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54AC164245 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 54AC164245 Datasheet HTML 6Page - STMicroelectronics 54AC164245 Datasheet HTML 7Page - STMicroelectronics 54AC164245 Datasheet HTML 8Page - STMicroelectronics 54AC164245 Datasheet HTML 9Page - STMicroelectronics 54AC164245 Datasheet HTML 10Page - STMicroelectronics 54AC164245 Datasheet HTML 11Page - STMicroelectronics 54AC164245 Datasheet HTML 12Page - STMicroelectronics 54AC164245 Datasheet HTML 13Page - STMicroelectronics 54AC164245 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Electrical characteristics
54AC164245
10/22
Doc ID 18093 Rev 2
IOH
(4)
Output current (source) port A,
VI = VDD2 or VSS
3.3 V
VDD1 = 4.5 V
VDD2 = 2.7 V
VOH = VDD2 -0.9 V
-8.0
mA
5 V
VDD1 = 4.5 V
VDD2 = 4.5 V
VOH = VDD2 -0.7 V
-8.0
Output current (source) port B,
VI = VDD2 or VSS
3.3 V
VDD1 = 2.7 V
VDD2 = 2.7 V
VOH = VDD2 -0.9 V
-8.0
5 V
VDD1 = 4.5 V
VDD2 = 2.7 V
VOH = VDD2 -0.7 V
-8.0
IOZH
Three-state output leakage
current high port A, for input
under test, VI =VDD2 other
inputs, VO =VDD2 VI =VDD2 or
VSS
3.3 V
VDD1 = 5.5 V
VDD2 = 3.6 V
3.0
µA
VDD1 = 5.5 V
VDD2 = 5.5 V
3.0
Three-state output leakage
current high port B, for input
under test, VI =VDD1 other
inputs, VO = VDD1 VI = VDD1 or
VSS
3.3 V
VDD1 = 3.6 V
VDD2 = 3.6 V
3.0
5 V
VDD1 = 5.5 V
VDD2 = 3.6 V
3.0
IOZL
Three-state output leakage
current low port A, for input
under test, VI = VSS other
inputs, VO = VSS
VI = VDD2 or VSS
3.3 V
VDD1 = 5.5 V
VDD2 = 3.6 V
-1.0
µA
5 V
VDD1 = 5.5 V
VDD2 = 5.5 V
-1.0
Three-state output leakage
current low port B,
for input
under test, VI = VSS other
inputs, VO = VSS VI = VDD1 or
VSS
3.3 V
VDD1 = 3.6 V
VDD2 = 3.6 V
-1.0
5 V
VDD1 = 5.5 V
VDD2 = 3.6 V
-1.0
IOS
(3) (4)
Short circuit output current port
A, VO = VDD2 or VSS
3.3 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.6 V
-100
100
mA
5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 4.5 to 5.5 V
-200
200
Short circuit output current
port B, VO = VDD1 or VSS
3.3 V
VDD1 = 2.7 to 3.3 V
VDD2 = 2.7 to 3.6 V
-100
100
5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.6 V
-200
200
Table 6.
DC specifications (1) (continued)
Symbol
Parameter
Port
voltage
Test condition (VDD)
(2)
Limits
Unit
Min.
Max.


Similar Part No. - 54AC164245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16472 TI1-54AC16472 Datasheet
163Kb / 8P
[Old version datasheet]   18-BIT REGISTERED TRANS CIEVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 54AC164245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54C164245 STMICROELECTRONICS-54C164245 Datasheet
527Kb / 23P
   Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
54VCXH163245 STMICROELECTRONICS-54VCXH163245 Datasheet
1Mb / 19P
   Rad-hard 16-bit transceiver, 1.8 V to 3.3 V bidirectional level shifter
September 2021 Rev 7
logo
Texas Instruments
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A Datasheet
215Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_08 Datasheet
404Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com