Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC4000B Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCC4000B
Description  Rad-hard high voltage CMOS logic series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4000B Datasheet(HTML) 3 Page - STMicroelectronics

  HCC4000B_11 Datasheet HTML 1Page - STMicroelectronics HCC4000B_11 Datasheet HTML 2Page - STMicroelectronics HCC4000B_11 Datasheet HTML 3Page - STMicroelectronics HCC4000B_11 Datasheet HTML 4Page - STMicroelectronics HCC4000B_11 Datasheet HTML 5Page - STMicroelectronics HCC4000B_11 Datasheet HTML 6Page - STMicroelectronics HCC4000B_11 Datasheet HTML 7Page - STMicroelectronics HCC4000B_11 Datasheet HTML 8Page - STMicroelectronics HCC4000B_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1
HCC family overview
Table 1.
Device summary
Part number
Description
Radiation level
Agency
qualification
EPPL
ESCC specification
Package
HCC4001B
Rad-hard quad 2-input NOR gate
100 krad (Si)
ESCC
Y
9201/041
Flat-14 - DIL-14
HCC4002B
Rad-hard dual 4-input NOR gate
-
9201/042
Flat-14 - DIL-14
HCC4008B
Rad-hard 4-bit full adder
-
9202/039
Flat-16 - DIL-16
HCC4011B
Rad-hard quad 2-input NAND gate
Y
9201/043
Flat-14 - DIL-14
HCC4012B
Rad-hard dual 4-input NAND gate
-
9201/044
Flat-14 - DIL-14
HCC4013B
Rad-hard dual D Flip-Flop
Y
9203/023
Flat-14 - DIL-14
HCC4014B
Rad-hard 8-stage static synchronous shift register
Y
9306/014
Flat-16 - DIL-16
HCC4015B
Rad-hard dual 4-stage static shift register
Y
9306/015
Flat-16 - DIL-16
HCC4016B
Rad-hard quad bilateral switch
-
9202/050
Flat-14 - DIL-14
HCC4017B
Rad-hard decade counter/divider
Y
9204/020
Flat-16 - DIL-16
HCC4018B
Rad-hard presettable divide-by N counter
-
9204/021
Flat-16 - DIL-16
HCC4019B
Rad-hard quad AND/OR select gate
Y
9202/051
Flat-16 - DIL-16
HCC4020B
Rad-hard 14-stage binary/ripple counter
Y
9204/022
Flat-16 - DIL-16
HCC4021B
Rad-hard 8-stage static shift register
Y
9306/016
Flat-16 - DIL-16
HCC4022B
Rad-hard divide-by-8 counter/divider
-
9204/023
Flat-16 - DIL-16
HCC4023B
Rad-hard triple 3-input NAND gate
Y
9201/045
Flat-14 - DIL-14
HCC4024B
Rad-hard 7-stage binary/ripple counter
Y
9204/024
Flat-14 - DIL-14
HCC4025B
Rad-hard triple 3-input NOR gate
-
9201/046
Flat-14 - DIL-14
HCC4027B
Rad-hard dual J-K master-slave Flip-Flop
Y
9203/022
Flat-16 - DIL-16
HCC4028B
Rad-hard BCD-to-decimal decoder
Y
9205/010
Flat-16 - DIL-16
HCC4029B
Rad-hard presettable up/down counter
Y
9204/025
Flat-16 - DIL-16


Similar Part No. - HCC4000B_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4000BF STMICROELECTRONICS-HCC4000BF Datasheet
289Kb / 13P
   NOR GATE
September 1988
HCC4000B STMICROELECTRONICS-HCC4000B_05 Datasheet
141Kb / 13P
   RadHardened high voltage complementary MOS logic series
More results

Similar Description - HCC4000B_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com