Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11A1SR2V-M Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # H11A1SR2V-M
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11A1SR2V-M Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button H11A1SR2V-M Datasheet HTML 3Page - Fairchild Semiconductor H11A1SR2V-M Datasheet HTML 4Page - Fairchild Semiconductor H11A1SR2V-M Datasheet HTML 5Page - Fairchild Semiconductor H11A1SR2V-M Datasheet HTML 6Page - Fairchild Semiconductor H11A1SR2V-M Datasheet HTML 7Page - Fairchild Semiconductor H11A1SR2V-M Datasheet HTML 8Page - Fairchild Semiconductor H11A1SR2V-M Datasheet HTML 9Page - Fairchild Semiconductor H11A1SR2V-M Datasheet HTML 10Page - Fairchild Semiconductor H11A1SR2V-M Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
6/15/05
Page 7 of 15
© 2005 Fairchild Semiconductor Corporation
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
4N25
4N26
4N27
4N28
4N35
4N36
4N37
H11A1
H11A2
H11A3
H11A4
H11A5
Fig. 9 CTR vs. RBE (Saturated)
(Black Package)
Fig. 10 CTR vs. RBE (Saturated)
(White Package)
RBE- BASE RESISTANCE (k Ω)
RBE- BASE RESISTANCE (k Ω)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCE= 0.3 V
IF = 5 mA
IF = 10 mA
IF = 20 mA
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF = 20 mA
IF = 10 mA
IF = 5 mA
VCE= 0.3 V
Fig. 7 CTR vs. RBE (Unsaturated)
(Black Package)
Fig. 8 CTR vs. RBE (Unsaturated)
(White Package)
RBE- BASE RESISTANCE (kΩ)
RBE- BASE RESISTANCE (kΩ)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF = 20 mA
IF = 10 mA
IF = 5 mA
VCE= 5.0 V
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCE= 5.0 V
IF = 20 mA
IF = 10 mA
IF = 5 mA
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
IF = 5 mA
IF = 20 mA
IF = 10 mA
Fig. 12 Collector-Emitter Saturation Voltage vs Collector Current
(White Package)
IC - COLLECTOR CURRENT (mA)
IF = 2.5 mA
TA = 25˚C
Fig. 11 Collector-Emitter Saturation Voltage vs Collector Current
(Black Package)
IC - COLLECTOR CURRENT (mA)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
IF = 2.5 mA
TA = 25˚C
IF = 20 mA
IF = 10 mA
IF = 5 mA


Similar Part No. - H11A1SR2V-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11A1SR2V FAIRCHILD-H11A1SR2V Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - H11A1SR2V-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com