Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ533 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACTQ533
Description  Quiet Series Octal Transparent Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ533 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ533 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ533 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: DIP package.
Note 5: Max number of outputs defined as (n). Data inputs are driven 0V to 3V. One output @ GND.
Note 6: Max number of data inputs (n) switching. (n
−1) inputs switching 0V to 3V Input-under-test switching: 3V to threshold (V
ILD), 0V to threshold (VIHD),
f
= 1 MHz.
AC Electrical Characteristics
Note 7: Voltage Range 5.0 is 5.0V
± 0.5V.
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Operating Requirements
Note 9: Voltage Range 5.0 is 5.0V
± 0.5V.
Capacitance
Symbol
Parameter
VCC
TA = +25°C
TA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VILD
Maximum LOW Level
5.0
1.2
0.8
V
(Note 4)(Note 6)
Dynamic Input Voltage
Symbol
Parameter
VCC
TA = + 25°CTA = − 40°C to + 85°C
Units
(V)
CL = 50 pF
CL = 50 pF
(Note 7)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
5.0
2.0
6.0
8.0
2.0
8.5
ns
tPLH
Dn to On
tPHL
Propagation Delay
5.0
2.5
7.0
9.0
2.5
9.5
ns
tPLH
LE to On
tPZL, tPZH
Output Enable Time
5.0
2.0
7.0
9.0
2.0
9.5
ns
tPHZ, tPLZ
Output Disable Time
5.0
1.0
8.0
10.0
1.0
10.5
ns
tOSHL
Output to Output Skew
5.0
0.5
1.0
1.0
ns
tOSLH
Dn to On(Note 8)
Symbol
Parameter
VCC
TA = + 25°CTA = − 40°C to + 85°C
Units
(V)
CL = 50 pF
CL = 50 pF
(Note 9)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
0
3.0
3.0
ns
Dn to LE
tH
Hold Time, HIGH or LOW
5.0
0
1.5
1.5
ns
Dn to LE
tW
LE Pulse Width, HIGH
5.0
2.0
4.0
4.0
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
40
pF
VCC = 5.0V


Similar Part No. - 74ACTQ533

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541MTC FAIRCHILD-74ACTQ541MTC Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541MTC FAIRCHILD-74ACTQ541MTC Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541PC FAIRCHILD-74ACTQ541PC Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ACTQ533

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373_07 Datasheet
311Kb / 13P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573 Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACQ573 FAIRCHILD-74ACQ573_07 Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com