Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC4538BK Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCC4538BK
Description  Rad-hard high voltage CMOS logic series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4538BK Datasheet(HTML) 4 Page - STMicroelectronics

  HCC4538BK Datasheet HTML 1Page - STMicroelectronics HCC4538BK Datasheet HTML 2Page - STMicroelectronics HCC4538BK Datasheet HTML 3Page - STMicroelectronics HCC4538BK Datasheet HTML 4Page - STMicroelectronics HCC4538BK Datasheet HTML 5Page - STMicroelectronics HCC4538BK Datasheet HTML 6Page - STMicroelectronics HCC4538BK Datasheet HTML 7Page - STMicroelectronics HCC4538BK Datasheet HTML 8Page - STMicroelectronics HCC4538BK Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
HCC4030B
Rad-hard quad exclusive OR gate
100 krad (Si)
ESCC
Y
9201/047
Flat-14 - DIL-14
HCC4034B
Rad-hard 8-stage static bidirectional bus register
-
9306/025
Flat-24 - DIL-24
HCC4035B
Rad-hard 4-stage parallel I/O shift register
Y
9306/018
Flat-16 - DIL-16
HCC4040B
Rad-hard 12-stage binary/ripple counter
Y
9204/026
Flat-16 - DIL-16
HCC4041UB Rad-hard quad true/complement buffer
-
9202/040
Flat-14 - DIL-14
HCC4042B
Rad-hard quad clocked D latch
-
9202/041
Flat-16 - DIL-16
HCC4043B
Rad-hard quad 3-state NOR R/S latch
-
9202/042
Flat-16 - DIL-16
HCC4044B
Rad-hard quad 3-state NAND R/S latch
-
9202/043
Flat-16 - DIL-16
HCC4046B
Rad-hard micropower phase locker loop
-
9202/044
Flat-16 - DIL-16
HCC4047B
Rad-hard monostable/astable multivibrator
Y
9207/003
Flat-14 - DIL-14
HCC4049UB Rad-hard hex inverting buffer/converter
Y
9202/045
Flat-16 - DIL-16
HCC4050B
Rad-hard hex non-inverting buffer/converter
Y
9202/046
Flat-16 - DIL-16
HCC4051B
Rad-hard single 8-channel analog mux/demux
Y
9202/047
Flat-16 - DIL-16
HCC4052B
Rad-hard different 4-channel analog mux/demux
-
9202/048
Flat-16 - DIL-16
HCC4053B
Rad-hard triple 2-channel analog mux/demux
-
9202/049
Flat-16 - DIL-16
HCC4060B
Rad-hard 14-stage counter/divider AND oscillator
-
9204/052
Flat-16 - DIL-16
HCC4063B
Rad-hard 4-bit magnitude comparator
Y
9209/001
Flat-16 - DIL-16
HCC4066B
Rad-hard quad bilateral switch
Y
9408/005
Flat-14 - DIL-14
HCC4067B
Rad-hard single 16-channel analog mux/demux
-
9408/009
Flat-24 - DIL-24
HCC4068B
Rad-hard 8-input NAND/AND gate
-
9201/061
Flat-14 - DIL-14
HCC4069UB Rad-hard hex inverter
Y
9401/010
Flat-14 - DIL-14
HCC4070B
Rad-hard quad exclusive OR gate
-
9201/048
Flat-14 - DIL-14
HCC4071B
Rad-hard quad 2-input OR gate
Y
9201/063
Flat-14 - DIL-14
HCC4072B
Rad-hard dual 4-input OR gate
-
9201/082
Flat-14 - DIL-14
Table 1.
Device summary (continued)
Part number
Description
Radiation level
Agency
qualification
EPPL
ESCC specification
Package


Similar Part No. - HCC4538BK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4538BK1 STMICROELECTRONICS-HCC4538BK1 Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4538BKG STMICROELECTRONICS-HCC4538BKG Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4538BKT STMICROELECTRONICS-HCC4538BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
More results

Similar Description - HCC4538BK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com