Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ821 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ACTQ821
Description  Quiet Seriesa??10-Bit D-Type Flip-Flop with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ821 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ACTQ821 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ821 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ821 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ821 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ821 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ821 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ821 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of FACT
™ circuits outside databook specifications.
DC Electrical Characteristics
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: DIP package.
Note 5: Max number of outputs defined as (n). Data inputs are driven 0V to 3V. One output @ GND.
Supply Voltage (VCC)
− 0.5V to + 7.0V
DC Input Diode Current (IIK)
VI = − 0.5V
− 20 mA
VI = VCC + 0.5V
+ 20 mA
DC Input Voltage (VI)
− 0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = − 0.5V
− 20 mA
VO = VCC + 0.5V
+ 20 mA
DC Output Voltage (VO)
− 0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (IO)
± 50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
± 50 mA
Storage Temperature (TSTG)
− 65°C to + 150°C
DC Latch-Up Source
or Sink Current
± 300 mA
Junction Temperature (TJ)
PDIP
140
°C
Supply Voltage (VCC)
4.5V to 5.5V
Input Voltage (VI)0V to VCC
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
− 40°C to + 85°C
Minimum Input Edge Rate
∆V/∆t
Minimum Input Edge Rate
∆V/∆t
125 mV/ns
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
Symbol
Parameter
VCC
TA = + 25°CTA = − 40°C to + 85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum High Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum Low Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum High Level
4.5
4.49
4.4
4.4
V
IOUT = − 50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = − 24 mA
5.5
4.86
4.76
IOH = − 24 mA (Note 2)
VOL
Maximum Low Level
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 2)
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
µAV
I = VCC, GND
IOZ
Maximum 3-STATE
5.5
±0.5
±5.0
µAV
I = VIL, VIH
Leakage Current
VO = VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 3)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent Supply Current
5.5
8.0
80.0
µAV
IN = VCC or GND
VOLP
Quiet Output
Maximum Dynamic VOL
5.0
1.1
1.5
V
Figure 1, Figure 2
(Note 4)(Note 5)
VOLV
Quiet Output
Minimum Dynamic VOL
5.0
− 0.6
− 1.2
V
Figure 1, Figure 2
(Note 4)(Note 5)
VIHD
Minimum High Level
Dynamic Input Voltage
5.0
1.9
2.2
V
(Note 4)(Note 6)
VILD
Maximum Low Level
Dynamic Input Voltage
5.0
1.2
0.8
V
(Note 4)(Note 6)


Similar Part No. - 74ACTQ821

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ821 FAIRCHILD-74ACTQ821 Datasheet
78Kb / 7P
   Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
74ACTQ821L NSC-74ACTQ821L Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ821SC FAIRCHILD-74ACTQ821SC Datasheet
78Kb / 7P
   Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
74ACTQ821SD NSC-74ACTQ821SD Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ821SPC FAIRCHILD-74ACTQ821SPC Datasheet
78Kb / 7P
   Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74ACTQ821

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ823 FAIRCHILD-74ACTQ823 Datasheet
75Kb / 7P
   Quiet Seriesa??9-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ821 FAIRCHILD-74ACTQ821_00 Datasheet
78Kb / 7P
   Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ841 FAIRCHILD-74ACTQ841 Datasheet
66Kb / 7P
   Quiet Seriesa??10-Bit Transparent Latch with 3-STATE Outputs
74ACTQ823 FAIRCHILD-74ACTQ823_00 Datasheet
80Kb / 7P
   Quiet Series 9-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ821 NSC-54ACTQ821 Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACQ821 NSC-54ACQ821 Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ827 FAIRCHILD-74ACTQ827 Datasheet
63Kb / 7P
   Quiet Seriesa??10-Bit Buffer/Line Driver with 3-STATE Outputs
74AC821 FAIRCHILD-74AC821 Datasheet
79Kb / 8P
   10-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com