Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ821 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACTQ821
Description  Quiet Seriesa??10-Bit D-Type Flip-Flop with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ821 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ821 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ821 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ821 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ821 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ821 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ821 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ821 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
March 1990
Revised November 1998
© 1999 Fairchild Semiconductor Corporation
DS010686.prf
www.fairchildsemi.com
74ACTQ821
Quiet Series
™ 10-Bit D-Type Flip-Flop
with 3-STATE Outputs
General Description
The ACTQ821 is a 10-bit D-type flip-flop with non-inverting
3-STATE outputs arranged in a broadside pinout. The
ACTQ821 utilizes Fairchild’s Quiet Series
™ technology to
guarantee quiet output switching and improved dynamic
threshold performance. FACT Quiet Series
™ features
GTO
™ output control and undershoot corrector in addition
to a split ground bus for superior performance.
Features
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin skew AC performance
s Non-inverting 3-STATE outputs for bus interfacing
s 4 kV minimum ESD immunity
s Outputs source/sink 24 mA
s Functionally identical to the AM29821
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Assignment
for DIP and SOIC
Pin Descriptions
FACT
™, Quiet Series™, FACT Quiet Series™, and GTO™ are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ821SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACTQ821SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300” Wide
Pin Names
Description
D0–D9
Data Inputs
O0–O9
Data Outputs
OE
Output Enable Input
CP
Clock Input


Similar Part No. - 74ACTQ821

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ821 FAIRCHILD-74ACTQ821 Datasheet
78Kb / 7P
   Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
74ACTQ821L NSC-74ACTQ821L Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ821SC FAIRCHILD-74ACTQ821SC Datasheet
78Kb / 7P
   Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
74ACTQ821SD NSC-74ACTQ821SD Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ821SPC FAIRCHILD-74ACTQ821SPC Datasheet
78Kb / 7P
   Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74ACTQ821

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ823 FAIRCHILD-74ACTQ823 Datasheet
75Kb / 7P
   Quiet Seriesa??9-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ821 FAIRCHILD-74ACTQ821_00 Datasheet
78Kb / 7P
   Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ841 FAIRCHILD-74ACTQ841 Datasheet
66Kb / 7P
   Quiet Seriesa??10-Bit Transparent Latch with 3-STATE Outputs
74ACTQ823 FAIRCHILD-74ACTQ823_00 Datasheet
80Kb / 7P
   Quiet Series 9-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ821 NSC-54ACTQ821 Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACQ821 NSC-54ACQ821 Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ827 FAIRCHILD-74ACTQ827 Datasheet
63Kb / 7P
   Quiet Seriesa??10-Bit Buffer/Line Driver with 3-STATE Outputs
74AC821 FAIRCHILD-74AC821 Datasheet
79Kb / 8P
   10-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com