Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

74ALVC132 Datasheet(HTML) 1 Page - Fairchild Semiconductor

Part No. 74ALVC132
Description  Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ALVC132 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500720
www.fairchildsemi.com
December 2001
Revised February 2005
74ALVC132
Low Voltage Quad 2-Input NAND Gate with
Schmitt Trigger Inputs and 3.6V Tolerant Inputs
and Outputs
General Description
The ALVC132 contains four 2-input NAND gates with
Schmitt Trigger Inputs. The pin configuration and function
are the same as the ALVC00 except the inputs have hys-
teresis between the positive-going and negative-going
input thresholds. This hysteresis is useful for transforming
slowly switching input signals into sharply defined, jitter-
free output signals. This product should be used where
noise margin greater than that of conventional gates is
required.
The ALVC132 is designed for low voltage (1.65V to 3.6V)
VCC applications with I/O compatibility up to 3.6V.
This product is fabricated with an advanced CMOS tech-
nology to achieve high-speed operation while maintaining
low CMOS power dissipation.
Features
s 1.65V to 3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s tPD
3.8 ns max for 3.0V to 3.6V VCC
4.6 ns max for 2.3V to 2.7V VCC
8.2 ns max for 1.65V to 1.95V VCC
s Power-off high impedance inputs and outputs
s Uses patented Quiet Series
¥ noise/EMI reduction
circuitry
s Latchup conforms to JEDEC JED78
s ESD performance:
Human body model
! 2000V
Machine model
! 250V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Diagram
Pin Descriptions
Connection Diagram
Quiet Series
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ALVC132M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ALVC132MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
An, Bn
Inputs
On
Outputs


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn