Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


74ALVC16240 Datasheet(HTML) 4 Page - Fairchild Semiconductor

Part No. 74ALVC16240
Description  Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ALVC16240 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Capacitance
Symbol
Parameter
T A 40qC to 85qC, RL 500:
Units
CL 50 pF
CL 30 pF
V CC 3.3V r 0.3V
V CC 2.7V
V CC 2.5V r 0.2V
V CC 1.8V r 0.15V
MinMax
MinMax
MinMax
MinMax
tPHL, tPLH Propagation Delay
1.3
3.0
1.5
3.5
1.0
3.0
1.5
6.0
ns
Bus to Bus
tPZL, tPZH
Output Enable Time
1.3
4.0
1.5
4.6
1.0
4.1
1.5
8.2
ns
tPLZ, tPHZ
Output Disable Time
1.3
4.0
1.5
4.3
1.0
3.8
1.5
7.6
ns
Symbol
Parameter
Conditions
TA 25qC
Units
VCC
Typical
CIN
Input Capacitance
VI 0V or VCC
3.3
6
pF
COUT
Output Capacitance
VI 0V or VCC
3.3
7
pF
CPD
Power Dissipation Capacitance
Outputs Enabled f
10 MHz, CL 50 pF
3.3
20
pF
2.5
20


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn