Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC16500MTD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ALVC16500MTD
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16500MTD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ALVC16500MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16500MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16500MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16500MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16500MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16500MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16500MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Capacitance
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
CL = 50 pF
CL = 30 pF
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
VCC = 1.8V ± 0.15V
Min
Max
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
250
200
200
100
MHz
tPHL, tPLH
Propagation Delay
1.1
3.4
1.3
4.0
0.8
3.5
1.5
7.0
ns
Bus to Bus
tPHL, tPLH
Propagation Delay
1.1
4.7
1.3
5.8
0.8
5.3
1.5
9.8
ns
Clock to Bus
tPHL, tPLH
Propagation Delay
1.1
4.3
1.3
5.4
0.8
4.9
1.5
9.8
ns
LE to Bus
tPZL, tPZH
Output Enable Time
1.1
4.3
1.3
5.4
0.8
4.9
1.5
9.8
ns
tPLZ, tPHZ
Output Disable Time
1.1
4.2
1.3
4.7
0.8
4.2
1.5
7.6
ns
tW
Pulse Width
1.5
1.5
1.5
4.0
ns
tS
Setup Time
1.5
1.5
1.5
2.5
ns
tH
Hold Time
1.0
1.0
1.0
1.0
ns
Symbol
Parameter
Conditions
TA = +25°C
Units
VCC
Typical
CIN
Input Capacitance
VI = 0V or VCC
3.3
6
pF
COUT
Output Capacitance
VI = 0V or VCC
3.3
7
pF
CPD
Power Dissipation Capacitance
Outputs Enabled f
= 10 MHz, C
L = 50 pF
3.3
20
pF
2.5
20


Similar Part No. - 74ALVC16500MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC16501 FAIRCHILD-74ALVC16501 Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16501MTD FAIRCHILD-74ALVC16501MTD Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results

Similar Description - 74ALVC16500MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16601 FAIRCHILD-74ALVC16601 Datasheet
100Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500 Datasheet
61Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501 Datasheet
60Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16501 FAIRCHILD-74ALVC16501 Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16601 FAIRCHILD-74VCX16601 Datasheet
59Kb / 11P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX32500 FAIRCHILD-74VCX32500 Datasheet
148Kb / 9P
   Low Voltage 36-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com