Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8624 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8624
Description  Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8624 Datasheet(HTML) 1 Page - Analog Devices

  AD8624 Datasheet HTML 1Page - Analog Devices AD8624 Datasheet HTML 2Page - Analog Devices AD8624 Datasheet HTML 3Page - Analog Devices AD8624 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Quad, Low Power, Precision
Rail-to-Rail Output Op Amp
Preliminary Technical Data
AD8624
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Very low offset voltage: 125 μV maximum
Supply current: 250 μA maximum
Input bias current: 200 pA maximum
Low input offset voltage drift: 0.5 μV/°C
Very low voltage noise: 11 nV/√Hz
Operating temperature: −40°C to +125°C
Rail-to-rail output swing
±2.5 V to ±18 V operation
APPLICATIONS
Portable precision instrumentation
Laser diode control loops
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers
PIN CONFIGURATIONS
OUT A
1
–IN A
2
+IN A
3
V+
4
OUT D
–IN D
+IN D
V–
14
13
12
11
+IN B
5
–IN B
6
OUT B
7
+IN C
–IN C
OUT C
10
9
8
AD8508
TOP VIEW
(Not to Scale)
Figure 1. 14-Lead TSSOP (RU-14)
NC = NO CONNECT
TOP VIEW
(Not to Scale)
ADA4004-4
–IN A 1
+IN A 2
VCC 3
+IN B 4
–IN D
12
+IN D
11
VEE
10
+IN C
9
5
6
7
8
16
15
14
13
Figure 2. 16-Lead LFCSP
(CP-16-4 Suffix)
GENERAL DESCRIPTION
The AD8624 is a quad, precision rail-to-rail output operational
amplifier with a low supply current of only 350 μA maximum
over temperature and supply voltages. It offers low offset, drift,
and voltage noise combined with very low input bias currents
over the full operating temperature range.
With typical offset voltage of only 10 μV, offset drift of 0.5 μV/°C,
and noise of only 11nV/√Hz, it is perfectly suited for
applications where large error sources cannot be tolerated.
Many systems can take advantage of the low noise, dc precision,
and rail-to-rail output swing provided by the ADA8624 to
maximize the signal-to-noise ratio and dynamic range for low
power operation.
The AD8624 is specified over the extended industrial
temperature range of −40°C to +125°C. The AD8624 is available
in an 14-lead TSSOP and 16-lead LFCSP (4x4x0.85mm)
surface-mount package. The AD8624 is part of a growing
family of 36 V, low power op amps from Analog Devices.
Table 1. Low Power Op Amps
Supply
40 V
36 V
12 V to 16 V
5 V
Single
OP97
OP777
OP196
AD8603
OP1177
AD8663
Dual
OP297
OP727
OP296
AD8607
OP2177
AD8667
AD706
AD8622
Quad
OP497
OP747
OP496
AD8609
OP4177
AD8669
AD704


Similar Part No. - AD8624

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. A
AD8624 AD-AD8624 Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection
REV. A
AD8624 AD-AD8624 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
AD8624ACPZ-R2 AD-AD8624ACPZ-R2 Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8624ACPZ-R7 AD-AD8624ACPZ-R7 Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
More results

Similar Description - AD8624

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com