Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC16835MTD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ALVC16835MTD
Description  Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16835MTD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ALVC16835MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16835MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16835MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16835MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16835MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16835MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16835MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Electrical Characteristics Over Load (Note 7)
Note 7: This parameter is guaranteed by characterization but not tested.
Capacitance
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
CL = 50 pF
CL = 30 pF
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V VCC = 1.8V ± 0.15V
MinMax
MinMax
MinMax
MinMax
fCLOCK
Clock Frequency
150
150
150
100
MHz
tW
Pulse Width LE High
3.3
3.3
3.3
4.0
ns
CLK High or Low
3.3
3.3
3.3
4.0
tS
Setup Time
Data Before CLK
1.7
2.1
2.2
2.5
ns
Data Before LE
↓ CLK High
1.5
1.6
1.9
CLK Low
1.0
1.1
1.3
tH
Hold Time
Data After CLK
0.7
0.6
0.6
1.0
ns
Data After LE
CLK High
1.4
1.7
1.4
or Low
fMAX
Maximum Clock Frequency
150
150
150
100
MHz
tPHL, tPLH Propagation Delay
I to O
1
3.6
4.2
1.0
4.2
1.5
8.4
ns
LE to O
1.3
4.2
4.9
1.3
5.0
1.5
9.8
CLK to O
1.4
4.5
5.2
1.4
5.5
2
9.2
tPZL, tPZH Output Enable Time
1.1
4.6
5.6
1.4
5.5
1.5
9.8
ns
tPLZ, tPHZ Output Disable Time
1.3
3.9
4.3
1.0
4.5
1.5
7.6
ns
Symbol
Parameter
RL = 500Ω, VCC = 3.3 ± 0.15V
Units
TA = −0°C to +85°CTA = −0°C to +65°C
CL = 0 pF
CL = 50 pF
Min
Max
Min
Max
tPHL, tPLH
Propagation Delay Bus to Bus
0.9
2.0
1.0
4.0
ns
tPHL, tPLH
Propagation Delay Clock to Bus
1.5
2.9
1.7
4.5
ns
Symbol
Parameter
Conditions
TA = +25°C
Units
VCC
Typical
CIN
Input Capacitance
Control
VI = 0V or VCC
3.3
3
pF
Data
VI = 0V or VCC
3.3
6
COUT
Output Capacitance
VI = 0V or VCC
3.3
7
pF
CPD
Power Dissipation Capacitance
Outputs Enabled f
= 10 MHz, C
L = 0 pF
3.3
31
pF
2.5
26
Outputs Disabled f
= 10 MHz, C
L = 0 pF
3.3
14
2.5
12


Similar Part No. - 74ALVC16835MTD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16835A PHILIPS-74ALVC16835A Datasheet
119Kb / 12P
   18-bit registered driver 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16835A NEXPERIA-74ALVC16835A Datasheet
200Kb / 15P
   18-bit registered driver; 3-state
Rev. 7 - 19 January 2018
logo
NXP Semiconductors
74ALVC16835ADGG PHILIPS-74ALVC16835ADGG Datasheet
119Kb / 12P
   18-bit registered driver 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16835ADGG NEXPERIA-74ALVC16835ADGG Datasheet
200Kb / 15P
   18-bit registered driver; 3-state
Rev. 7 - 19 January 2018
logo
NXP Semiconductors
74ALVC16835A PHILIPS-74ALVC16835A_15 Datasheet
123Kb / 12P
   74ALVC16835A_15
2000 Mar 14
More results

Similar Description - 74ALVC16835MTD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX162835FT TOSHIBA-TC74VCX162835FT Datasheet
450Kb / 13P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16835 FAIRCHILD-74VCX16835 Datasheet
98Kb / 10P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16835FT TOSHIBA-TC74VCX16835FT Datasheet
445Kb / 13P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16500FT TOSHIBA-TC74VCX16500FT Datasheet
419Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162601FT TOSHIBA-TC74VCXR162601FT Datasheet
420Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16600FT TOSHIBA-TC74VCX16600FT Datasheet
422Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com