Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL030-1212A5-273H1A7 Datasheet(PDF) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL030-1212A5-273H1A7
Description  Applied to the LED package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL030-1212A5-273H1A7 Datasheet(HTML) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLL030-1212A5-273H1A7 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLL030-1212A5-273H1A7 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLL030-1212A5-273H1A7 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL030-1212A5-273H1A7 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL030-1212A5-273H1A7 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL030-1212A5-273H1A7 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL030-1212A5-273H1A7 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLL030-1212A5-273H1A7 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLL030-1212A5-273H1A7 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
6. Reliability
(1)
Datails of the tests
(2)Judgement Criteria of Failure for Reliability Test
(Ta=25C)
U defines the upper limit of the specified characteristics. S defines the initial value.
Note : Measurement shall be taken between 2 hours and 24 hours, and the test pieces should be
return to the normal ambient conditions after the completion of each test.
Symbol
CITILED
Name
CLL030-1212A5-273H1A7
CITIZEN ELECTRONICS CO.,LTD. JAPAN
DATA SHEET
>U X 1.1
<S X 0.85
IF=720mA
Forward Voltage
Total Luminous Flux
85 C, 85 %RH for 500 hours
6/11
-40 C × 30 minutes – 100 C × 30 minutes, 100 cycle
Thermal Shock Test
IF=720mA
VF
Φv
Test Item
Test Condition
Symbol
Measuring Condition
Judgement Criteria for Failure
Measuring Item
Continuous Operation Test
Low Temperature Storage Test
High Temperature Storage Test
Moisture-proof Test
IF=720mA Ta=25C (with Al-fin) × 1000 hours
IF=720mA Tj=150C (with Al-fin) × 1000 hours
-40 C × 1000 hours
100 C × 1000 hours
Ref.CE-P2103 05/12


Similar Part No. - CLL030-1212A5-273H1A7

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL030-1205A5-273H1A7 CITIZEN-CLL030-1205A5-273H1A7 Datasheet
673Kb / 12P
   Applied to the LED package
CLL030-1206A5-273H1A7 CITIZEN-CLL030-1206A5-273H1A7 Datasheet
650Kb / 12P
   Applied to the LED package
CLL030-1208A5-273H1A7 CITIZEN-CLL030-1208A5-273H1A7 Datasheet
673Kb / 12P
   Applied to the LED package
More results

Similar Description - CLL030-1212A5-273H1A7

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL801-0101A7-40AM1A2 CITIZEN-CLL801-0101A7-40AM1A2 Datasheet
458Kb / 14P
   Applied to the LED package
CLL030-1206A5-273H1A7 CITIZEN-CLL030-1206A5-273H1A7 Datasheet
650Kb / 12P
   Applied to the LED package
CLL030-1208A5-273H1A7 CITIZEN-CLL030-1208A5-273H1A7 Datasheet
673Kb / 12P
   Applied to the LED package
CLL801-0101A7-27AM1A2 CITIZEN-CLL801-0101A7-27AM1A2 Datasheet
458Kb / 14P
   Applied to the LED package
CLL040-1818A5-273H1A7 CITIZEN-CLL040-1818A5-273H1A7 Datasheet
2Mb / 12P
   Applied to the LED package
CLL020-1203A5-273H1A7 CITIZEN-CLL020-1203A5-273H1A7 Datasheet
606Kb / 12P
   Applied to the LED package
CLL801-0101A7-50CM1A2 CITIZEN-CLL801-0101A7-50CM1A2 Datasheet
614Kb / 14P
   Applied to the LED package
CLL040-1218A5-273H1A7 CITIZEN-CLL040-1218A5-273H1A7 Datasheet
1Mb / 12P
   Applied to the LED package
CLL801-0101A7-35AM1A2 CITIZEN-CLL801-0101A7-35AM1A2 Datasheet
459Kb / 14P
   Applied to the LED package
CLL030-1205A5-273H1A7 CITIZEN-CLL030-1205A5-273H1A7 Datasheet
673Kb / 12P
   Applied to the LED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com