Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9070 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9070
Description  SMA Female to SMA Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9070 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9070 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9070 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9070 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female to SMA Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to SMA Female Adapter PE9070
URL: http://www.pasternack.com/sma-female-sma-female-straight-adapter-pe9070-p.aspx
SMA Female to SMA Female Adapter
PE9070
PE9070 REV


Similar Part No. - PE9070

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
   SMA Female to SMA Female Adapter
More results

Similar Description - PE9070

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
   SMA Female to SMA Female Adapter
logo
List of Unclassifed Man...
5191 ETC2-5191 Datasheet
121Kb / 1P
   SMA FEMALE TO SMA FEMALE STRAIGHT ADAPTER
logo
Pasternack Enterprises,...
PE9071 PASTERNACK-PE9071 Datasheet
255Kb / 3P
   SMA Female to SMA Female Bulkhead Adapter
PE91258 PASTERNACK-PE91258 Datasheet
356Kb / 3P
   SMA Female to SMA Female Bulkhead Adapter
logo
Pomona Electronics
4285 POMONA-4285 Datasheet
21Kb / 1P
   Adapter, SMA, Female To Female
4284 POMONA-4284 Datasheet
112Kb / 1P
   SMA Female To Female Adapter
logo
Pasternack Enterprises,...
PE91150 PASTERNACK-PE91150 Datasheet
175Kb / 3P
   SMA Female to SMA Female Right Angle Adapter
logo
Linx Technologies
ADP-SMAF-SMAF-F-G LINX-ADP-SMAF-SMAF-F-G Datasheet
137Kb / 2P
   SMA FEMALE TO SMA FEMALE ADAPTER, FLANGE MOUNT
logo
Pasternack Enterprises,...
PE91260 PASTERNACK-PE91260 Datasheet
346Kb / 3P
   SMA Female to Reverse Polarity SMA Female Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
   Precision SMA Female to SMA Female Bulkhead Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com