Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH245WM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ALVCH245WM
Description  Low Voltage Bidirectional Transceiver with Bushold
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVCH245WM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ALVCH245WM Datasheet HTML 1Page - Fairchild Semiconductor 74ALVCH245WM Datasheet HTML 2Page - Fairchild Semiconductor 74ALVCH245WM Datasheet HTML 3Page - Fairchild Semiconductor 74ALVCH245WM Datasheet HTML 4Page - Fairchild Semiconductor 74ALVCH245WM Datasheet HTML 5Page - Fairchild Semiconductor 74ALVCH245WM Datasheet HTML 6Page - Fairchild Semiconductor 74ALVCH245WM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
TABLE 1. Values for Figure 1
TABLE 2. Variable Matrix
(Input Characteristics: f
= 1MHz; t
r = tf = 2ns; Z0 = 50Ω)
FIGURE 2. Waveform for Inverting and Non-inverting Functions
FIGURE 3. 3-STATE Output High Enable and Disable Times for Low Voltage Logic
FIGURE 4. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VL
tPZH, tPHZ
GND
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
1.8V
± 0.15V
Vmi
1.5V
1.5V
VCC/2
VCC/2
Vmo
1.5V
1.5V
VCC/2
VCC/2
Vx
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
VOL + 0.15V
Vy
VOH − 0.3V
VOH − 0.3V
VOH − 0.15V
VOH − 0.15V
VL
6V
6V
VCC*2
VCC*2


Similar Part No. - 74ALVCH245WM

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74ALVCH245PG IDT-74ALVCH245PG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results

Similar Description - 74ALVCH245WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH245 FAIRCHILD-74VCXH245 Datasheet
81Kb / 8P
   Low Voltage Bidirectional Transceiver with Bushold
74VCXH245 FAIRCHILD-74VCXH245_05 Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245 FAIRCHILD-74LCXH245 Datasheet
197Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245WMX FAIRCHILD-74LCXH245WMX Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245 ONSEMI-74LCXH245 Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74LCXH32245 FAIRCHILD-74LCXH32245 Datasheet
177Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs with Bushold
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com