Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F109 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F109
Description  Dual JK Positive Edge-Triggered Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F109 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F109 Datasheet HTML 1Page - Fairchild Semiconductor 74F109 Datasheet HTML 2Page - Fairchild Semiconductor 74F109 Datasheet HTML 3Page - Fairchild Semiconductor 74F109 Datasheet HTML 4Page - Fairchild Semiconductor 74F109 Datasheet HTML 5Page - Fairchild Semiconductor 74F109 Datasheet HTML 6Page - Fairchild Semiconductor 74F109 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009471
www.fairchildsemi.com
April 1988
Revised November 1999
74F109
Dual JK Positive Edge-Triggered Flip-Flop
General Description
The F109 consists of two high-speed, completely indepen-
dent transition clocked JK flip-flops. The clocking operation
is independent of rise and fall times of the clock waveform.
The JK design allows operation as a D-type flip-flop (refer
to F74 data sheet) by connecting the J and K inputs.
Asynchronous Inputs:
LOW input to SD sets Q to HIGH level
LOW input to CD sets Q to LOW level
Clear and Set are independent of clock
Simultaneous LOW on CD and SD makes
both Q and Q HIGH
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74F109SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
74F109SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE 11, 5.3mm Wide
74F109PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Similar Part No. - 74F109

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F109 PHILIPS-74F109 Datasheet
85Kb / 10P
   Positive J-K positive edge-triggered flip-flops
1990 Oct 23
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109 Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
74F109PC NSC-74F109PC Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109PC FAIRCHILD-74F109PC Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
74F109PC TI1-74F109PC Datasheet
384Kb / 12P
[Old version datasheet]   Dual JK (Note: Overbar Over the K) Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74F109

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
   Dual JK Positive Edge-triggered Flip-Flop
logo
National Semiconductor ...
54F109DM NSC-54F109DM Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC109 FAIRCHILD-74AC109_07 Datasheet
339Kb / 12P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109_00 Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109 FAIRCHILD-74AC109 Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC54F74109 MOTOROLA-MC54F74109 Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
54LS113 NSC-54LS113 Datasheet
98Kb / 6P
   Dual JK Edge-Triggered Flip-Flop
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com