Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F1071MSA Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74F1071MSA
Description  18-Bit Undershoot/Overshoot Clamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F1071MSA Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74F1071MSA Datasheet HTML 1Page - Fairchild Semiconductor 74F1071MSA Datasheet HTML 2Page - Fairchild Semiconductor 74F1071MSA Datasheet HTML 3Page - Fairchild Semiconductor 74F1071MSA Datasheet HTML 4Page - Fairchild Semiconductor 74F1071MSA Datasheet HTML 5Page - Fairchild Semiconductor 74F1071MSA Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
DC Electrical Characteristics
Typical Forward and Reverse V/I
Characteristics
Typical Reverse Conduction
Characteristics
Typical Forward Conduction
Characteristics
ESD Network
CZ
RZ
Human Body Model
100 pF
1500
IEC 801-2
150 pF
330
Simulated ESD Voltage Clamping Test Circuit


Similar Part No. - 74F1071MSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F1071MSA FAIRCHILD-74F1071MSA Datasheet
99Kb / 6P
   18-Bit Undershoot/Overshoot Clamp and ESD Protection Device
74F1071MSAX_NL FAIRCHILD-74F1071MSAX_NL Datasheet
99Kb / 6P
   18-Bit Undershoot/Overshoot Clamp and ESD Protection Device
More results

Similar Description - 74F1071MSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F1071 FAIRCHILD-74F1071_05 Datasheet
99Kb / 6P
   18-Bit Undershoot/Overshoot Clamp and ESD Protection Device
logo
TT Electronics.
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
logo
Texas Instruments
TS5A623157 TI1-TS5A623157_14 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
TS5A623157 TI-TS5A623157 Datasheet
738Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
SN74CBTK32245 TI-SN74CBTK32245 Datasheet
274Kb / 10P
[Old version datasheet]   32 BIT FET BUS SWITCH WITH ACTIVE CLAMP UNDERSHOOT PROTECTION CIRCUIT
SN74CBTK16245 TI-SN74CBTK16245 Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
logo
Littelfuse
A0709SCLRP LITTELFUSE-A0709SCLRP Datasheet
2Mb / 4P
   Low voltage overshoot
logo
Pericom Semiconductor C...
PI5C3125C PERICOM-PI5C3125C Datasheet
286Kb / 6P
   4-Bit BusSwitch with -2V Undershoot Protection
logo
Fairchild Semiconductor
FSTU3384 FAIRCHILD-FSTU3384_06 Datasheet
109Kb / 5P
   10-Bit Bus Switch with −2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com