Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F114 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74F114
Description  Dual JK Negative Edge-Triggered Flip-Flop with Common Clocks and Clears
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F114 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74F114 Datasheet HTML 1Page - Fairchild Semiconductor 74F114 Datasheet HTML 2Page - Fairchild Semiconductor 74F114 Datasheet HTML 3Page - Fairchild Semiconductor 74F114 Datasheet HTML 4Page - Fairchild Semiconductor 74F114 Datasheet HTML 5Page - Fairchild Semiconductor 74F114 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
V
Min
IOH = −1 mA
Voltage
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW
10% VCC
0.5
V
Min
IOL = 20 mA
Voltage
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
ICEX
Output High
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V (Jn, Kn)
−3.0
VIN = 0.5V (SDn)
−4.8
VIN = 0.5V (CP)
−6.0
VIN = 0.5V (CDn)
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICCH
Power Supply Current
12.0
19.0
mA
Max
VO = HIGH
ICCL
Power Supply Current
12.0
19.0
mA
Max
VO = LOW


Similar Part No. - 74F114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F114 PHILIPS-74F114 Datasheet
51Kb / 6P
   Dual J-K negative edge-triggered flip-flop with common clock and reset
1996 Mar 14
More results

Similar Description - 74F114

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS114 NSC-54LS114 Datasheet
118Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop with Common Clocks and Clears
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS113A MOTOROLA-SN54LS113A Datasheet
140Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
Hitachi Semiconductor
HD74AC112 HITACHI-HD74AC112 Datasheet
59Kb / 10P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F112 FAIRCHILD-74F112 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC74AC113 MOTOROLA-MC74AC113 Datasheet
188Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F113 FAIRCHILD-74F113 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS114A MOTOROLA-SN54LS114A Datasheet
146Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS73A MOTOROLA-SN54LS73A Datasheet
73Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112 MOTOROLA-MC74F112 Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com