Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F114 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F114
Description  Dual JK Negative Edge-Triggered Flip-Flop with Common Clocks and Clears
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F114 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F114 Datasheet HTML 1Page - Fairchild Semiconductor 74F114 Datasheet HTML 2Page - Fairchild Semiconductor 74F114 Datasheet HTML 3Page - Fairchild Semiconductor 74F114 Datasheet HTML 4Page - Fairchild Semiconductor 74F114 Datasheet HTML 5Page - Fairchild Semiconductor 74F114 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Truth Table
H (h)
= HIGH Voltage Level
L (h)
= LOW Voltage Level
X
= Immaterial
 = HIGH-to-LOW Clock Transition
Q0 (Q0) = Before HIGH-to-LOW Transition of Clock
Lower case letters indicate the state of the referenced input or output one setup time prior to the HIGH-to-LOW clock transition.
Logic Diagram
(one half shown)
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
J1, J2, K1, K2
Data Inputs
1.0/1.0
20
µA/−0.6 mA
CP
Clock Pulse Input (Active Falling Edge)
1.0/8.0
20
µA/−4.8 mA
CD
Direct Clear Input (Active LOW)
1.0/10.0
20
µA/−6.0 mA
SD1, SD2
Direct Set Inputs (Active LOW)
1.0/5.0
20
µA/−3.0 mA
Q1, Q2, Q1, Q2
Outputs
50/33.3
−1 mA/20 mA
Inputs
Outputs
SD
CD
CP
JK
Q
Q
L
H
XXX
H
L
H
L
XXX
L
H
L
L
XXX
H
H
HH

hh
Q0
Q0
HH

lh
L
H
HH

hl
H
L
HH

ll
Q0
Q0


Similar Part No. - 74F114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F114 PHILIPS-74F114 Datasheet
51Kb / 6P
   Dual J-K negative edge-triggered flip-flop with common clock and reset
1996 Mar 14
More results

Similar Description - 74F114

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS114 NSC-54LS114 Datasheet
118Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop with Common Clocks and Clears
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS113A MOTOROLA-SN54LS113A Datasheet
140Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
Hitachi Semiconductor
HD74AC112 HITACHI-HD74AC112 Datasheet
59Kb / 10P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F112 FAIRCHILD-74F112 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC74AC113 MOTOROLA-MC74AC113 Datasheet
188Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F113 FAIRCHILD-74F113 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS114A MOTOROLA-SN54LS114A Datasheet
146Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS73A MOTOROLA-SN54LS73A Datasheet
73Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112 MOTOROLA-MC74F112 Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com