Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F148 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F148
Description  8-Line to 3-Line Priority Encoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F148 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F148 Datasheet HTML 1Page - Fairchild Semiconductor 74F148 Datasheet HTML 2Page - Fairchild Semiconductor 74F148 Datasheet HTML 3Page - Fairchild Semiconductor 74F148 Datasheet HTML 4Page - Fairchild Semiconductor 74F148 Datasheet HTML 5Page - Fairchild Semiconductor 74F148 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The F148 8-input priority encoder accepts data from eight
active LOW inputs (I0–I7) and provides a binary represen-
tation on the three active LOW outputs. A priority is
assigned to each input so that when two or more inputs are
simultaneously active, the input with the highest priority is
represented on the output, with input line 7 having the high-
est priority. A HIGH on the Enable Input (EI) will force all
outputs to the inactive (HIGH) state and allow new data to
settle without producing erroneous information at the out-
puts.A Group Signal output (GS) and Enable Output (EO)
are provided along with the three priority data outputs (A2,
A1, A0). GS is active LOW when any input is LOW: this
indicates when any input is active. EO is active LOW when
all inputs are HIGH. Using the Enable Output along with
the Enable Input allows cascading for priority encoding on
any number of input signals. Both EO and GS are in the
inactive HIGH state when the Enable Input is HIGH.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic
operations and should not be used to estimate propagation delays.
Application
16-Input Priority Encoder
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
I0
Priority Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
I1–I7
Priority Inputs (Active LOW)
1.0/2.0
20
µA/−1.2 mA
EI
Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
EO
Enable Output (Active LOW)
50/33.3
−1 mA/20 mA
GS
Group Signal Output (Active LOW)
50/33.3
−1 mA/20 mA
A0–A2
Address Outputs (Active LOW)
50/33.3
−1 mA/20 mA


Similar Part No. - 74F148

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F148 PHILIPS-74F148 Datasheet
85Kb / 10P
   8-input priority encoder
1990 Mar 01
More results

Similar Description - 74F148

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC148AP TOSHIBA-TC74HC148AP_07 Datasheet
353Kb / 9P
   8-to-3 Line Priority Encoder
logo
STMicroelectronics
M54HC148 STMICROELECTRONICS-M54HC148 Datasheet
252Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
M74HC148 STMICROELECTRONICS-M74HC148 Datasheet
329Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
logo
List of Unclassifed Man...
GD74HCT148 ETC1-GD74HCT148 Datasheet
207Kb / 4P
   8-TO-3 LINE PRIORITY ENCODER
logo
Renesas Technology Corp
HD74LS148 RENESAS-HD74LS148 Datasheet
72Kb / 6P
   8-line-to-3-line Octal Priority Encoder
logo
Fairchild Semiconductor
MM74HC148 FAIRCHILD-MM74HC148 Datasheet
77Kb / 8P
   8-3 Line Priority Encoder
logo
National Semiconductor ...
MM74HCT148 NSC-MM74HCT148 Datasheet
215Kb / 5P
   8-3 Line Priority Encoder
MM54HC148 NSC-MM54HC148 Datasheet
127Kb / 6P
   8-3 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC148 HITACHI-HD74HC148 Datasheet
45Kb / 8P
   8-to-3-line Octal Priority Encoder
logo
Renesas Technology Corp
HD74HC148 RENESAS-HD74HC148 Datasheet
79Kb / 6P
   8-to-3-line Octal Priority Encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com