Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLS1A11AQRS1 Datasheet(PDF) 7 Page - Honeywell Accelerometers

Part # WLS1A11AQRS1
Description  Wireless Non-Contact Switch (WLS Series)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

WLS1A11AQRS1 Datasheet(HTML) 7 Page - Honeywell Accelerometers

  WLS1A11AQRS1 Datasheet HTML 1Page - Honeywell Accelerometers WLS1A11AQRS1 Datasheet HTML 2Page - Honeywell Accelerometers WLS1A11AQRS1 Datasheet HTML 3Page - Honeywell Accelerometers WLS1A11AQRS1 Datasheet HTML 4Page - Honeywell Accelerometers WLS1A11AQRS1 Datasheet HTML 5Page - Honeywell Accelerometers WLS1A11AQRS1 Datasheet HTML 6Page - Honeywell Accelerometers WLS1A11AQRS1 Datasheet HTML 7Page - Honeywell Accelerometers WLS1A11AQRS1 Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Honeywell•SensingandControl7
Wireless Non-Contact Switch
ANTENNA CABLE OPTIONS
WCA200RNPRSP-002CableAssembly:2ft1
WCA200RNPRSP-010CableAssembly:10ft1
1
use only with WAN06RNJ antenna and when extra cable is desired
WCA200RNJRSP-002CableAssembly:2feetlength2
WCA200RNJRSP-005CableAssembly:5feetlength2
WCA200RNJRSP-010CableAssembly:10feetlength2
WCA200RNJRSP-015CableAssembly:15feetlength2
WCA200RNJRSP-020CableAssembly:20feetlength2
2
Use when extra cable length is desired and allows connection from RP-SMA jack
to RP-SMA plug
MOUNTING OPTIONS
Limitless™PanelMountAccessories
WAMM100RSP-005MagneticAntennaMount:w/5ftofcable3
WAMM100RSP-010MagneticAntennaMount:w/10ftofcable3
3
Use only with WAN01RSP, WAN02RSP, WAN04RSP, WAN05RSP, or WAN08RSP
antennas
MAGNETS
Limitless™ magnets for use with WLS Non-Contact Switch only
WMG1:
Operatingpoint0.150inmin.;
Releasepoint0.600inmax.
WMG2:
Operatingpoint0.45inmin.;
Releasepoint1.0inmax.


Similar Part No. - WLS1A11AQRS1

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
WLS1A11AQ3BT1 HONEYWELL-ACC-WLS1A11AQ3BT1 Datasheet
1Mb / 8P
   Limitless??Single Switch Adapter
WLS1A11AQ3BT2 HONEYWELL-ACC-WLS1A11AQ3BT2 Datasheet
1Mb / 8P
   Limitless??Single Switch Adapter
WLS1A11AQ3BT3 HONEYWELL-ACC-WLS1A11AQ3BT3 Datasheet
1Mb / 8P
   Limitless??Single Switch Adapter
WLS1A11AQ3BT4 HONEYWELL-ACC-WLS1A11AQ3BT4 Datasheet
1Mb / 8P
   Limitless??Single Switch Adapter
WLS1A11AQ4BT1 HONEYWELL-ACC-WLS1A11AQ4BT1 Datasheet
1Mb / 8P
   Limitless??Single Switch Adapter
More results

Similar Description - WLS1A11AQRS1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D40B OMRON-D40B Datasheet
706Kb / 10P
   Compact Non-contact Door Switch
logo
Allen-Bradley
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
   Non contact Switches
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
   Non contact Switches
FRS1 ALLEN-BRADLEY-FRS1 Datasheet
90Kb / 4P
   Non contact Switches
logo
Lite-On Technology Corp...
LTH-301A LITEON-LTH-301A Datasheet
154Kb / 4P
   NON-CONTACT SWITCHING
logo
Allen-Bradley
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
   Non contact Switches
logo
Cherry Semiconductor Co...
AFIS CHERRY-AFIS Datasheet
206Kb / 2P
   Wireless Snap Switch
2015-04-29
logo
Lite-On Technology Corp...
LTH309-08 LITEON-LTH309-08 Datasheet
181Kb / 5P
   NON CONTACT SWITCHING
logo
Allen-Bradley
GD2 ALLEN-BRADLEY-GD2 Datasheet
51Kb / 2P
   Non contact Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com