Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLS1A00BQRS1 Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # WLS1A00BQRS1
Description  Wireless Non-Contact Switch (WLS Series)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

WLS1A00BQRS1 Datasheet(HTML) 3 Page - Honeywell Accelerometers

  WLS1A00BQRS1 Datasheet HTML 1Page - Honeywell Accelerometers WLS1A00BQRS1 Datasheet HTML 2Page - Honeywell Accelerometers WLS1A00BQRS1 Datasheet HTML 3Page - Honeywell Accelerometers WLS1A00BQRS1 Datasheet HTML 4Page - Honeywell Accelerometers WLS1A00BQRS1 Datasheet HTML 5Page - Honeywell Accelerometers WLS1A00BQRS1 Datasheet HTML 6Page - Honeywell Accelerometers WLS1A00BQRS1 Datasheet HTML 7Page - Honeywell Accelerometers WLS1A00BQRS1 Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Honeywell•SensingandControl3
Wireless Non-Contact Switch
Table 2. Standard Listings
Part Number
Description
WLS1A00AQRS1
Limitless™ WLS Series Non-Contact Switch with no antenna and a top sensing target,for
useinUSCanada,andMexico
WLS1A00AQRS2
Limitless™ WLS Series Non-Contact Switch with no antenna and a side sensing target,for
useinUSCanada,andMexico
WLS1A11AQRS1
Limitless™WLSSeriesNon-ContactSwitchwitha0dBiantenna and a top sensing target,
foruseinUSCanada,andMexico
WLS1A11AQRS2
Limitless™WLSSeriesNon-ContactSwitchwitha0dBiantenna and a side sensing target,
foruseinUSCanada,andMexico
WLS1A00BQRS1
Limitless™ WLS Series Non-Contact Switch with no antenna and a top sensing target,for
use in all other approved countries
WLS1A00BQRS2
Limitless™ WLS Series Non-Contact Switch with no antenna and a side sensing target,for
use in all other approved countries
WLS1A11BQRS1
Limitless™WLSSeriesNon-ContactSwitchwitha0dBiantenna and a top sensing target,
for use in all other approved countries
WLS1A11BQRS2
Limitless™WLSSeriesNon-ContactSwitchwitha0dBiantenna and a side sensing target,
for use in all other approved countries


Similar Part No. - WLS1A00BQRS1

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
WLS1A00BQ3BT1 HONEYWELL-ACC-WLS1A00BQ3BT1 Datasheet
1Mb / 8P
   Limitless??Single Switch Adapter
WLS1A00BQ3BT2 HONEYWELL-ACC-WLS1A00BQ3BT2 Datasheet
1Mb / 8P
   Limitless??Single Switch Adapter
WLS1A00BQ3BT3 HONEYWELL-ACC-WLS1A00BQ3BT3 Datasheet
1Mb / 8P
   Limitless??Single Switch Adapter
WLS1A00BQ3BT4 HONEYWELL-ACC-WLS1A00BQ3BT4 Datasheet
1Mb / 8P
   Limitless??Single Switch Adapter
WLS1A00BQ4BT1 HONEYWELL-ACC-WLS1A00BQ4BT1 Datasheet
1Mb / 8P
   Limitless??Single Switch Adapter
More results

Similar Description - WLS1A00BQRS1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D40B OMRON-D40B Datasheet
706Kb / 10P
   Compact Non-contact Door Switch
logo
Allen-Bradley
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
   Non contact Switches
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
   Non contact Switches
FRS1 ALLEN-BRADLEY-FRS1 Datasheet
90Kb / 4P
   Non contact Switches
logo
Lite-On Technology Corp...
LTH-301A LITEON-LTH-301A Datasheet
154Kb / 4P
   NON-CONTACT SWITCHING
logo
Allen-Bradley
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
   Non contact Switches
logo
Cherry Semiconductor Co...
AFIS CHERRY-AFIS Datasheet
206Kb / 2P
   Wireless Snap Switch
2015-04-29
logo
Lite-On Technology Corp...
LTH309-08 LITEON-LTH309-08 Datasheet
181Kb / 5P
   NON CONTACT SWITCHING
logo
Allen-Bradley
GD2 ALLEN-BRADLEY-GD2 Datasheet
51Kb / 2P
   Non contact Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com