Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F160APC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F160APC
Description  Synchronous Presettable BCD Decade Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F160APC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F160APC Datasheet HTML 1Page - Fairchild Semiconductor 74F160APC Datasheet HTML 2Page - Fairchild Semiconductor 74F160APC Datasheet HTML 3Page - Fairchild Semiconductor 74F160APC Datasheet HTML 4Page - Fairchild Semiconductor 74F160APC Datasheet HTML 5Page - Fairchild Semiconductor 74F160APC Datasheet HTML 6Page - Fairchild Semiconductor 74F160APC Datasheet HTML 7Page - Fairchild Semiconductor 74F160APC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009485
www.fairchildsemi.com
April 1988
Revised September 2000
74F160A • 74F162A
Synchronous Presettable BCD Decade Counter
General Description
The 74F160A and 74F162A are high-speed synchronous
decade counters operating in the BCD (8421) sequence.
They are synchronously presettable for applications in pro-
grammable dividers. There are two types of Count Enable
inputs plus a Terminal Count output for versatility in forming
synchronous multistage counters. The F160A has an asyn-
chronous Master Reset input that overrides all other inputs
and forces the outputs LOW. The F162A has a Synchro-
nous Reset input that overrides counting and parallel load-
ing and allows all outputs to be simultaneously reset on the
rising edge of the clock. The F160A and F162A are high
speed versions of the F160 and F162.
Features
s Synchronous counting and loading
s High-speed synchronous expansion
s Typical count rate of 120 MHz
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
74F160A
74F162A
Order Number
Package Number
Package Description
74F160ASC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
74F160ASJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F160APC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
74F162ASC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
74F162APC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Similar Part No. - 74F160APC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F1604 PHILIPS-74F1604 Datasheet
92Kb / 10P
   Latch
1990 Oct 04
More results

Similar Description - 74F160APC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
70Kb / 7P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
74HC162 PHILIPS-74HC162 Datasheet
83Kb / 11P
   Presettable synchronous BCD decade counter; synchronous reset
December 1990
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Nexperia B.V. All right...
74HC160 NEXPERIA-74HC160 Datasheet
256Kb / 15P
   Presettable synchronous BCD decade counter; asynchronous reset
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74HC160 PHILIPS-74HC160 Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com