Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F181SPC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F181SPC
Description  4-Bit Arithmetic Logic Unit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F181SPC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F181SPC Datasheet HTML 1Page - Fairchild Semiconductor 74F181SPC Datasheet HTML 2Page - Fairchild Semiconductor 74F181SPC Datasheet HTML 3Page - Fairchild Semiconductor 74F181SPC Datasheet HTML 4Page - Fairchild Semiconductor 74F181SPC Datasheet HTML 5Page - Fairchild Semiconductor 74F181SPC Datasheet HTML 6Page - Fairchild Semiconductor 74F181SPC Datasheet HTML 7Page - Fairchild Semiconductor 74F181SPC Datasheet HTML 8Page - Fairchild Semiconductor 74F181SPC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009491
www.fairchildsemi.com
April 1988
Revised July 1999
74F181
4-Bit Arithmetic Logic Unit
General Description
The 74F181 is a 4-bit Arithmetic logic Unit (ALU) which can
perform all the possible 16 logic operations on two vari-
ables and a variety of arithmetic operations. It is 40% faster
than the Schottky ALU and only consumes 30% as much
power.
Features
s Full lookahead for high-speed arithmetic operation on
long words
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
Active-HIGH Operands
Active-LOW Operands
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74F181SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74F181PC
N24A
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.600 Wide
74F181SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300 Wide


Similar Part No. - 74F181SPC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F181SPC NSC-74F181SPC Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
More results

Similar Description - 74F181SPC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
   4-BIT ARITHMETIC LOGIC UNIT
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
MC14581B MOTOROLA-MC14581B Datasheet
233Kb / 7P
   4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com