Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP12N60NZ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDP12N60NZ
Description  N-Channel UniFETTM II MOSFET 600 V, 12 A, 650 m?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP12N60NZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDP12N60NZ Datasheet HTML 1Page - Fairchild Semiconductor FDP12N60NZ Datasheet HTML 2Page - Fairchild Semiconductor FDP12N60NZ Datasheet HTML 3Page - Fairchild Semiconductor FDP12N60NZ Datasheet HTML 4Page - Fairchild Semiconductor FDP12N60NZ Datasheet HTML 5Page - Fairchild Semiconductor FDP12N60NZ Datasheet HTML 6Page - Fairchild Semiconductor FDP12N60NZ Datasheet HTML 7Page - Fairchild Semiconductor FDP12N60NZ Datasheet HTML 8Page - Fairchild Semiconductor FDP12N60NZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2010 Fairchild Semiconductor Corporation
FDP12N60NZ / FDPF12N60NZ Rev. C1
www.fairchildsemi.com
1
March 2013
FDP12N60NZ / FDPF12N60NZ
N-Channel UniFETTM II MOSFET
600 V, 12 A, 650 m
Features
•RDS(on) = 530 m (Typ.) @ VGS = 10 V, ID = 6 A
• Low Gate Charge ( Typ. 26 nC)
• Low Crss ( Typ. 12 pF)
• 100% Avalanche Tested
• Improved dv/dt Capability
• ESD Improved Capability
• RoHS Compliant
Applications
• LCD/LED/PDP TV
• Lighting
• Uninterruptible Power Supply
Description
UniFETTM II MOSFET is Fairchild Semiconductor®’s high volt-
age MOSFET family based on advanced planar stripe and
DMOS technology. This advanced MOSFET family has the
smallest on-state resistance among the planar MOSFET, and
also provides superior switching performance and higher ava-
lanche energy strength. In addition, internal gate-source ESD
diode allows UniFET II MOSFET to withstand over 2kV HBM
surge stress. This device family is suitable for switching power
converter applications such as power factor correction (PFC), flat
panel display (FPD) TV power, ATX and electronic lamp ballasts.
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted*
Thermal Characteristics
Symbol
Parameter
FDP12N60NZ FDPF12N60NZ
Unit
VDSS
Drain to Source Voltage
600
V
VGSS
Gate to Source Voltage
±30
V
ID
Drain Current
- Continuous (TC = 25
oC)
12
12*
A
- Continuous (TC = 100
oC)
7.2
7.2*
IDM
Drain Current
- Pulsed
(Note 1)
48
48*
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
565
mJ
IAR
Avalanche Current
(Note 1)
12
A
EAR
Repetitive Avalanche Energy
(Note 1)
24
mJ
dv/dt
MOSFET dv/dt Ruggedness
20
V/ns
Peak Diode Recovery dv/dt
(Note 3)
10
V/ns
PD
Power Dissipation
(TC = 25
oC)
240
39
W
- Derate above 25oC2.0
0.3
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FDP12N60NZ FDPF12N60NZ
Unit
RJC
Thermal Resistance, Junction to Case, Max.
0.52
3.2
oC/W
RCS
Thermal Resistance, Case to Sink Typ.
0.5
-
RJA
Thermal Resistance, Junction to Ambient, Max.
62.5
62.5
*Drain current limited by maximum junction temperature
G
S
D
G
S
D
TO-220F
S
D
G
S
D
G
TO-220


Similar Part No. - FDP12N60NZ

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP12N60NZ ISC-FDP12N60NZ Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP12N60NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP10N60NZ FAIRCHILD-FDP10N60NZ Datasheet
494Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 10 A, 750 m?
FDPF15N65YDTU FAIRCHILD-FDPF15N65YDTU Datasheet
837Kb / 8P
   N-Channel UniFETTM MOSFET 650 V, 15 A, 440 m?
FDD7N60NZTM FAIRCHILD-FDD7N60NZTM Datasheet
668Kb / 9P
   N-Channel UniFETTM II MOSFET 600 V, 5.5 A, 1.25 廓
FDD4N60NZ FAIRCHILD-FDD4N60NZ Datasheet
321Kb / 8P
   FDD4N60NZ N-Channel UniFETTM II MOSFET 600 V, 3.4 A, 2.5 ?
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
FDPF12N50NZT FAIRCHILD-FDPF12N50NZT Datasheet
854Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 11.5 A, 520 m
FDP7N60NZ FAIRCHILD-FDP7N60NZ Datasheet
354Kb / 10P
   N-Channel UniFETTM II MOSFET
FDD8N50NZTM FAIRCHILD-FDD8N50NZTM Datasheet
326Kb / 8P
   N-Channel UniFETTM II MOSFET?
FDPF3N50NZ FAIRCHILD-FDPF3N50NZ Datasheet
328Kb / 9P
   N-Channel UniFETTM II MOSFET?
FDPF12N50NZ FAIRCHILD-FDPF12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFETTM II MOSFET?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com