Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F37SC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F37SC
Description  Quad Two-Input NAND Buffer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F37SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F37SC Datasheet HTML 1Page - Fairchild Semiconductor 74F37SC Datasheet HTML 2Page - Fairchild Semiconductor 74F37SC Datasheet HTML 3Page - Fairchild Semiconductor 74F37SC Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
April 1988
Revised March 1999
© 1999 Fairchild Semiconductor Corporation
DS009464.prf
www.fairchildsemi.com
74F37
Quad Two-Input NAND Buffer
General Description
This device contains four independent gates, each of which
performs the logic NAND function.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Unit Loading/Fan Out
Connection Diagram
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
Order Number
Package Number
Package Description
74F37SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
74F37SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F37PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
An, Bn
Inputs
1.0/2.0
20
µA/−1.2 mA
On
Outputs
600/106.6 (80)
−12 mA/64 mA
(48 mA)
Inputs
Output
AB
O
LL
H
LH
H
HL
H
HH
L


Similar Part No. - 74F37SC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F37 PHILIPS-74F37 Datasheet
69Kb / 8P
   Quad 2-input NAND buffer
1990 May 24
logo
National Semiconductor ...
74F373 NSC-74F373 Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
NXP Semiconductors
74F373 PHILIPS-74F373 Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
logo
Fairchild Semiconductor
74F373 FAIRCHILD-74F373 Datasheet
79Kb / 8P
   Octal Transparent Latch with 3-STATE Outputs
logo
Nexperia B.V. All right...
74F373 NEXPERIA-74F373 Datasheet
268Kb / 14P
   Latch/flip-flop
2002 Nov 20
More results

Similar Description - 74F37SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F38 FAIRCHILD-74F38 Datasheet
58Kb / 5P
   Quad Two-Input NAND Buffer (Open Collector)
74F38 FAIRCHILD-74F38_00 Datasheet
66Kb / 5P
   Quad Two-Input NAND Buffer (Open Collector)
logo
National Semiconductor ...
54F38DM NSC-54F38DM Datasheet
143Kb / 8P
   Quad Two-Input NAND Buffer (Open Collector)
logo
Texas Instruments
5962-8687201DA TI-5962-8687201DA Datasheet
393Kb / 10P
[Old version datasheet]   54F38 74F38 Quad Two-Input NAND Buffer (Open Collector)
logo
Motorola, Inc
SN54LS26 MOTOROLA-SN54LS26 Datasheet
122Kb / 4P
   QUAD 2-INPUT NAND BUFFER
SN54LS38 MOTOROLA-SN54LS38 Datasheet
122Kb / 4P
   QUAD 2-INPUT NAND BUFFER
logo
List of Unclassifed Man...
T74LS37 ETC2-T74LS37 Datasheet
169Kb / 3P
   quad 2-input nand buffer
logo
NXP Semiconductors
74F37 PHILIPS-74F37 Datasheet
69Kb / 8P
   Quad 2-input NAND buffer
1990 May 24
logo
Motorola, Inc
SN54LS37 MOTOROLA-SN54LS37 Datasheet
119Kb / 4P
   QUAD 2-INPUT NAND BUFFER
logo
Fairchild Semiconductor
74C00 FAIRCHILD-74C00 Datasheet
63Kb / 1P
   QUAD TWO-INPUT NAND GATE HEX INVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com