Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7350 Datasheet(PDF) 1 Page - ADTech

Part # ADT7350
Description  Step-down converter with integrated switching MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7350 Datasheet(HTML) 1 Page - ADTech

  ADT7350_12 Datasheet HTML 1Page - ADTech ADT7350_12 Datasheet HTML 2Page - ADTech ADT7350_12 Datasheet HTML 3Page - ADTech ADT7350_12 Datasheet HTML 4Page - ADTech ADT7350_12 Datasheet HTML 5Page - ADTech ADT7350_12 Datasheet HTML 6Page - ADTech ADT7350_12 Datasheet HTML 7Page - ADTech ADT7350_12 Datasheet HTML 8Page - ADTech ADT7350_12 Datasheet HTML 9Page - ADTech Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT7350
Aug 21. 2012 / Rev. 0.2
Package outline of the ADT7350
The ADT7350 is a step-down converter with
integrated switching MOSFET. It operates wide
input supply voltage range from 4.5V to 24V with
1.2A peak output current. It includes current
limiting protection and thermal shutdown.
It
reduces
design
complexity
and
external
component count. The ADT7350 is available in
small outline SOT23-6L package.
General Description
Features
Typical Application Circuit
Applications
• Distributed Power Systems
• Surveillance Camera module
• Navigation
• Infra-Red LED Drivers
• Current mode buck regulator with 1.4MHz
fixed frequency
• Input voltage range : 4.5V to 24V
• Adjustable output range : 0.81V to 15V
• Max. output current : 1.2A
• Up to 92% Efficiency
• Internal Soft-Start Function
• Integrated Power MOSFET switch : 400mΩ
• Thermal shutdown & current limit protection
• SOT23-6L package


Similar Part No. - ADT7350_12

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT73502 ADTECH-ADT73502 Datasheet
651Kb / 10P
   internal soft-start function
More results

Similar Description - ADT7350_12

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT7351 ADTECH-ADT7351 Datasheet
975Kb / 15P
   step-down converter with integrated switching MOSFET
ADT7350 ADTECH-ADT7350 Datasheet
338Kb / 9P
   a step-down converter with integrated switching MOSFET
logo
Intel Corporation
EN6340QI INTEL-EN6340QI Datasheet
2Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
EN6363QI INTEL-EN6363QI Datasheet
1Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
July 19, 2017 Rev A
logo
Rohm
BD9E151ANUX ROHM-BD9E151ANUX Datasheet
1Mb / 25P
   Step-Down Switching Regulator Integrated Power MOSFET
25.Mar.2020 Rev.001
logo
Maxim Integrated Produc...
MAX20730 MAXIM-MAX20730 Datasheet
1Mb / 31P
   Integrated, Step-Down Switching Regulator with PMBus
2020
MAX20743 MAXIM-MAX20743 Datasheet
1Mb / 31P
   Integrated, Step-Down Switching Regulator with PMBus
19-8582; Rev 1; 10/16
MAX20733 MAXIM-MAX20733 Datasheet
967Kb / 26P
   Integrated, Step-Down Switching Regulator
2016
MAX20735 MAXIM-MAX20735 Datasheet
1Mb / 26P
   Integrated, Step-Down Switching Regulator
2017
MAX20745 MAXIM-MAX20745 Datasheet
1Mb / 26P
   Integrated, Step-Down Switching Regulator
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com