Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F38SC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F38SC
Description  Quad Two-Input NAND Buffer (Open Collector)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F38SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F38SC Datasheet HTML 1Page - Fairchild Semiconductor 74F38SC Datasheet HTML 2Page - Fairchild Semiconductor 74F38SC Datasheet HTML 3Page - Fairchild Semiconductor 74F38SC Datasheet HTML 4Page - Fairchild Semiconductor 74F38SC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009465
www.fairchildsemi.com
April 1988
Revised November 1999
74F38
Quad Two-Input NAND Buffer (Open Collector)
General Description
This device contains four independent gates, each of which
performs the logic NAND function. The open-collector out-
puts require external pull-up resistors for proper logical
operation.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Unit Loading/Fan Out
Note 1: OC
= Open Collector
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
Order Number
Package Number
Package Description
74F38SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
74F38SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F38PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
An, Bn
Inputs
1.0/2.0
20
µA/−1.2 mA
On
Outputs
OC (Note 1) /106.6
OC (Note 1) /64 mA
Inputs
Output
AB
O
LL
H
LH
H
HL
H
HH
L


Similar Part No. - 74F38SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F38SC NSC-74F38SC Datasheet
143Kb / 8P
   Quad Two-Input NAND Buffer (Open Collector)
logo
Fairchild Semiconductor
74F38SC FAIRCHILD-74F38SC Datasheet
66Kb / 5P
   Quad Two-Input NAND Buffer (Open Collector)
logo
Texas Instruments
74F38SC TI-74F38SC Datasheet
393Kb / 10P
[Old version datasheet]   54F38 74F38 Quad Two-Input NAND Buffer (Open Collector)
More results

Similar Description - 74F38SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F38 FAIRCHILD-74F38_00 Datasheet
66Kb / 5P
   Quad Two-Input NAND Buffer (Open Collector)
logo
National Semiconductor ...
54F38DM NSC-54F38DM Datasheet
143Kb / 8P
   Quad Two-Input NAND Buffer (Open Collector)
logo
Texas Instruments
5962-8687201DA TI-5962-8687201DA Datasheet
393Kb / 10P
[Old version datasheet]   54F38 74F38 Quad Two-Input NAND Buffer (Open Collector)
logo
NXP Semiconductors
74ALS38A PHILIPS-74ALS38A Datasheet
85Kb / 7P
   Quad 2-Input NAND buffer open collector
1991 Feb 08
74F38 PHILIPS-74F38 Datasheet
70Kb / 8P
   Quad 2-input NAND buffer open collector
1990 Oct 04
logo
Fairchild Semiconductor
DM74LS38 FAIRCHILD-DM74LS38 Datasheet
61Kb / 5P
   Quad 2-Input NAND Buffer with Open-Collector Outputs
74F37 FAIRCHILD-74F37 Datasheet
48Kb / 4P
   Quad Two-Input NAND Buffer
logo
National Semiconductor ...
DM7439 NSC-DM7439 Datasheet
82Kb / 4P
   DM7439 Quad 2-Input NAND Buffer with Open-Collector Output
logo
Motorola, Inc
MC5403L MOTOROLA-MC5403L Datasheet
204Kb / 2P
   QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
logo
Fairchild Semiconductor
DM74ALS38A FAIRCHILD-DM74ALS38A Datasheet
48Kb / 4P
   Quadruple 2-Input NAND Buffer with Open-Collector Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com