Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F382SJ Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74F382SJ
Description  4-Bit Arithmetic Logic Unit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F382SJ Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74F382SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F382SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F382SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F382SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F382SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F382SJ Datasheet HTML 6Page - Fairchild Semiconductor 74F382SJ Datasheet HTML 7Page - Fairchild Semiconductor 74F382SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.0
8.1
12.0
3.0
13.0
ns
tPHL
Cn to Fi
2.5
5.7
8.0
2.5
9.0
tPLH
Propagation Delay
4.0
10.4
15.0
3.5
17.0
ns
tPHL
Any A or B to Any F
3.0
8.2
11.0
2.5
12.0
tPLH
Propagation Delay
6.5
11.0
20.5
5.5
21.5
ns
tPHL
Si to Fi
4.0
8.2
15.0
4.0
17.5
tPLH
Propagation Delay
3.5
6.0
8.5
3.5
11.0
ns
tPHL
Ai or Bi to Cn + 4
3.5
6.5
9.0
3.5
10.5
tPLH
Propagation Delay
7.0
12.5
16.5
7.0
17.5
ns
tPHL
Si to OVR or Cn + 4
5.0
9.0
12.0
5.0
14.5
tPLH
Propagation Delay
2.5
5.6
8.0
2.0
9.0
ns
tPHL
Cn to Cn + 4
3.5
6.3
9.0
2.0
10.0
tPLH
Propagation Delay
3.5
8.0
11.0
3.5
13.0
ns
tPHL
Cn to OVR
2.5
7.1
10.0
2.5
11.0
tPLH
Propagation Delay
7.0
11.5
15.5
7.0
16.5
ns
tPHL
Ai or Bi to OVR
3.0
8.0
10.5
3.0
11.5


Similar Part No. - 74F382SJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F382 PHILIPS-74F382 Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
More results

Similar Description - 74F382SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
   4-BIT ARITHMETIC LOGIC UNIT
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
MC14581B MOTOROLA-MC14581B Datasheet
233Kb / 7P
   4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com