Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2131LT1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMUN2131LT1
Description  PNP SILICON BIAS RESISTOR TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMUN2131LT1 Datasheet(HTML) 3 Page - Motorola, Inc

  MMUN2131LT1 Datasheet HTML 1Page - Motorola, Inc MMUN2131LT1 Datasheet HTML 2Page - Motorola, Inc MMUN2131LT1 Datasheet HTML 3Page - Motorola, Inc MMUN2131LT1 Datasheet HTML 4Page - Motorola, Inc MMUN2131LT1 Datasheet HTML 5Page - Motorola, Inc MMUN2131LT1 Datasheet HTML 6Page - Motorola, Inc MMUN2131LT1 Datasheet HTML 7Page - Motorola, Inc MMUN2131LT1 Datasheet HTML 8Page - Motorola, Inc MMUN2131LT1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMUN2111LT1 SERIES
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kΩ)
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kΩ)
MMUN2115LT1
MMUN2116LT1
MMUN2131LT1
MMUN2132LT1
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kΩ) MMUN2130LT1
VOH
4.9
Vdc
Input Resistor
MMUN2111LT1
MMUN2112LT1
MMUN2113LT1
MMUN2114LT1
MMUN2115LT1
MMUN2116LT1
MMUN2130LT1
MMUN2131LT1
MMUN2132LT1
MMUN2133LT1
MMUN2134LT1
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
k
Resistor Ratio MMUN2111LT1/MMUN2112LT1/MMUN2113LT1
MMUN2114LT1
MMUN2115LT1/MMUN2116LT1
MMUN2130LT1/MMUN2131LT1/MMUN2132LT1
MMUN2133LT1
R1/R2
0.8
0.17
0.8
0.055
1.0
0.21
1.0
0.1
1.2
0.25
1.2
0.185


Similar Part No. - MMUN2131LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2131LT1 ONSEMI-MMUN2131LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Leshan Radio Company
MMUN2131LT1 LRC-MMUN2131LT1 Datasheet
145Kb / 7P
   Bias Resistor Transistors
logo
ON Semiconductor
MMUN2131LT1G ONSEMI-MMUN2131LT1G Datasheet
133Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
January, 2015 ??Rev. 4
MMUN2131LT1G ONSEMI-MMUN2131LT1G Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
MMUN2131LT1G ONSEMI-MMUN2131LT1G Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results

Similar Description - MMUN2131LT1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
DTA114EE WEITRON-DTA114EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com