Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F433SPC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74F433SPC
Description  First-In First-Out (FIFO) Buffer Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F433SPC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74F433SPC Datasheet HTML 2Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 3Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 4Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 5Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 6Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 7Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 8Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 9Page - Fairchild Semiconductor 74F433SPC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.fairchildsemi.com
6
FIGURE 4. A Vertical Expansion Scheme
Horizontal Expansion—The 74F433 can be horizontally
expanded, without external logic, to store long words (in
multiples of 4-bits). The interconnections necessary to form
a 64-word by 12-bit FIFO are shown in Figure 5. Using the
same technique, any FIFO of 64-words by 4n-bits can be
constructed, where n is the number of devices.
The right-most (most significant) device is connected to the
TTS inputs of all devices. Similarly, the ORE output of the
most significant device is connected to the TOS inputs of
all devices. As in the vertical expansion scheme, horizontal
expansion does not sacrifice any of the 74F433 flexibility
for serial/parallel input and output.
It should be noted that the horizontal expansion scheme
shown in Figure 5 exacts a penalty in speed.
Horizontal and Vertical Expansion—The 74F433 can be
expanded in both the horizontal and vertical directions
without any external components and without sacrificing
any of its FIFO flexibility for serial/parallel input and output.
The interconnections necessary to form a 127-word by 16-
bit FIFO are shown in Figure 6. Using the same technique,
any FIFO of (63m
+1)-words by 4n-bits can be configured,
where m is the number of devices in a column and n is the
number of devices in a row. Figure 7 and Figure 8 illustrate
the timing diagrams for serial data entry and extraction for
the FIFO shown in Figure 6. Figure 9 illustrates the final


Similar Part No. - 74F433SPC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F40 PHILIPS-74F40 Datasheet
34Kb / 3P
   Dual 4-input NAND buffer
April 11, 1989
logo
Fairchild Semiconductor
74F401 FAIRCHILD-74F401 Datasheet
60Kb / 7P
   CRC Generator/Checker
74F401PC FAIRCHILD-74F401PC Datasheet
60Kb / 7P
   CRC Generator/Checker
74F401SC FAIRCHILD-74F401SC Datasheet
60Kb / 7P
   CRC Generator/Checker
logo
National Semiconductor ...
74F402 NSC-74F402 Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
More results

Similar Description - 74F433SPC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
9403A FAIRCHILD-9403A Datasheet
156Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com