Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F51 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F51
Description  Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F51 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F51 Datasheet HTML 1Page - Fairchild Semiconductor 74F51 Datasheet HTML 2Page - Fairchild Semiconductor 74F51 Datasheet HTML 3Page - Fairchild Semiconductor 74F51 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
AC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
V
Min
IOH = −1 mA
Voltage
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW
10% VCC
0.5
V
Min
IOL = 20 mA
Voltage
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All other pins grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All other pins grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICCH
Power Supply Current
1.9
3.0
mA
Max
VO = HIGH
ICCL
Power Supply Current
5.3
8.5
mA
Max
VO = LOW
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.0
3.7
6.0
1.5
6.5
ns
tPHL
An, Bn, Cn, Dn, En, Fn to O n
1.0
2.6
4.0
1.0
4.5


Similar Part No. - 74F51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F51 PHILIPS-74F51 Datasheet
69Kb / 8P
   Dual 2-wide 2-input, 2-wise 3-input AND-OR-invert gate
1989 Mar 03
logo
Nexperia B.V. All right...
74F51 NEXPERIA-74F51 Datasheet
198Kb / 9P
   Dual 2-wide 2-input, 2-wide 3-input AND-OR-invert gate
March 3, 1989
More results

Similar Description - 74F51

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F51 MOTOROLA-MC5474F51 Datasheet
53Kb / 2P
   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Fairchild Semiconductor
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
   Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
logo
Nexperia B.V. All right...
74F51 NEXPERIA-74F51 Datasheet
198Kb / 9P
   Dual 2-wide 2-input, 2-wide 3-input AND-OR-invert gate
March 3, 1989
logo
Hitachi Semiconductor
HD74HC51 HITACHI-HD74HC51 Datasheet
46Kb / 8P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
Renesas Technology Corp
HD74HC51 RENESAS-HD74HC51 Datasheet
90Kb / 7P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
Motorola, Inc
SN54LS51 MOTOROLA-SN54LS51 Datasheet
48Kb / 2P
   DUAL 2-WIDE 2-INPUT/ 3-INPUT AND-OR-INVERT GATE
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
logo
Fairchild Semiconductor
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
   Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
NXP Semiconductors
HEF4085B PHILIPS-HEF4085B Datasheet
29Kb / 3P
   Dual 2-wide 2-input AND-OR-invert gate
January 1995
logo
STMicroelectronics
M54HC51 STMICROELECTRONICS-M54HC51 Datasheet
234Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com