Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL001-250BEZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADXL001-250BEZ
Description  High Performance, Wide Bandwidth Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL001-250BEZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADXL001-250BEZ Datasheet HTML 3Page - Analog Devices ADXL001-250BEZ Datasheet HTML 4Page - Analog Devices ADXL001-250BEZ Datasheet HTML 5Page - Analog Devices ADXL001-250BEZ Datasheet HTML 6Page - Analog Devices ADXL001-250BEZ Datasheet HTML 7Page - Analog Devices ADXL001-250BEZ Datasheet HTML 8Page - Analog Devices ADXL001-250BEZ Datasheet HTML 9Page - Analog Devices ADXL001-250BEZ Datasheet HTML 10Page - Analog Devices ADXL001-250BEZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADXL001
Rev. A | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
8
5
6
7
DNC
DNC
COM
VDD2
ST
ADXL001
TOP VIEW
(Not to Scale)
DNC = DO NOT CONNECT
VDD
XOUT
DNC
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 5
DNC
Do Not Connect.
3
COM
Common.
4
ST
Self-Test Control (Logic Input).
6
XOUT
X-Axis Acceleration Output.
7
VDD
3.135 V to 6 V. Connect to VDD2.
8
VDD2
3.135 V to 6 V. Connect to VDD.


Similar Part No. - ADXL001-250BEZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL001-250 AD-ADXL001-250 Datasheet
410Kb / 10P
   High Performance Wide Bandwidth Accelerometer
Rev. PrA
More results

Similar Description - ADXL001-250BEZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
   High Performance Wide Bandwidth Accelerometer
Rev. PrA
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
List of Unclassifed Man...
CXL02TG3 ETC2-CXL02TG3 Datasheet
391Kb / 2P
   HIGH PERFORMANCE ACCELEROMETER
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
   WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com