Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F533PC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F533PC
Description  Octal Transparent Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F533PC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F533PC Datasheet HTML 1Page - Fairchild Semiconductor 74F533PC Datasheet HTML 2Page - Fairchild Semiconductor 74F533PC Datasheet HTML 3Page - Fairchild Semiconductor 74F533PC Datasheet HTML 4Page - Fairchild Semiconductor 74F533PC Datasheet HTML 5Page - Fairchild Semiconductor 74F533PC Datasheet HTML 6Page - Fairchild Semiconductor 74F533PC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Functional Description
The 74F533 contains eight D-type latches with 3-STATE
output buffers. When the Latch Enable (LE) input is HIGH,
data on the Dn inputs enters the latches. In this condition
the latches are transparent, i.e., a latch output will change
state each time its D input changes. When LE is LOW, the
latches store the information that was present on the D
inputs a setup time preceding the HIGH-to-LOW transition
of LE. The 3-STATE buffers are controlled by the Output
Enable (OE) input. When OE is LOW, the buffers are in the
bi-state mode. When OE is HIGH the buffers are in the high
impedance mode but this does not interfere with entering
new data into the latches.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
D0–D7
Data Inputs
1.0/1.0
20
µA/−0.6 mA
LE
Latch Enable Input (Active HIGH)
1.0/1.0
20
µA/−0.6 mA
OE
Output Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
O0–O7
Complementary 3-STATE Outputs
150/40 (33.3)
−3 mA/24 mA (20 mA)
Inputs
Output
LE
OE
DO
HL
H
L
HL
L
H
LL
X
O0
XHX
Z


Similar Part No. - 74F533PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F533PC NSC-74F533PC Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
74F533PCQB NSC-74F533PCQB Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
74F533PCX NSC-74F533PCX Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
More results

Similar Description - 74F533PC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com